Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL1750T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL1750T Datasheet HTML 1Page - NXP Semiconductors SSL1750T Datasheet HTML 2Page - NXP Semiconductors SSL1750T Datasheet HTML 3Page - NXP Semiconductors SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
2 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
I Frequency limitation to reduce switching losses
I Burst mode operation if a low load is detected at the flyback output (patented)
2.4 Flyback green features
I Valley switching for minimum switching losses (patented)
I Frequency reduction with fixed minimum peak current at low power operation to
maintain high efficiency at low output power levels
2.5 Protection features
I Safe restart mode for system fault conditions
I Continuous mode protection by means of demagnetization detection for both
converters (patented)
I Undervoltage protection (foldback during overload)
I Accurate OverVoltage Protection (OVP) for both converters (adjustable for flyback
converter)
I Open control loop protection for both converters
I IC overtemperature protection
I Low and adjustable OverCurrent Protection (OCP) trip level for both converters
I Soft-(re)start for both converters
I Soft-stop PFC to minimize audible noise
I Mains undervoltage protection / brownout protection
I General purpose input for latched protection, e.g. to be used for system
OverTemperature Protection (OTP)
3.
Applications
The device can be used in all SSL applications that require an efficient and cost-effective
LED power supply solution up to 250 W.
Key applications for the SSL1750 are:
Indoor LED applications (> 25 W):
– Spot lights
– Down lights
– Other SSL consumer/industrial fixtures
Outdoor LED applications (> 25 W):
– Street lighting
– Area lighting (e.g. car parking)
– Tunnel lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com