| Electronic Components Datasheet Search |
|
SSL1750T Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL1750T Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 29 page ![]() SSL1750_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 15 September 2008 12 of 29 NXP Semiconductors SSL1750 SMPS control IC for LED drivers 7.2.7 Overcurrent protection (pin PFCSENSE) The maximum peak current is limited cycle-by-cycle by sensing the voltage across an external sense resistor (RSENSE1) on the source of the external MOSFET. The voltage is measured via the pin PFCSENSE. 7.2.8 Mains undervoltage lockout / brownout protection (pin VINSENSE) To prevent the PFC from operating at very low mains input voltages, the voltage on pin VINSENSE is sensed continuously. As soon as the voltage on this pin drops below the Vstop(VINSENSE) level, switching of the PFC is stopped. If the low mains situation continues, the PFC bus voltage eventually drops. The voltage on pin VOSENSE then drops below the Vstart(fb) level and the flyback converter is also disabled. The voltage on pin VINSENSE is clamped to a minimum value, (Vstart(VINSENSE) −∆Vpu(VINSENSE), for a fast restart as soon as the mains input voltage is restored after a mains dropout. 7.2.9 Overvoltage protection (pin VOSENSE) An overvoltage protection circuit has been built in to prevent output overvoltage during load steps and mains transients. As soon as the voltage on pin VOSENSE exceeds the Vovp(VOSENSE) level, switching of the power factor correction circuit is inhibited. Switching of the PFC recommences as soon as the voltage on VOSENSE voltage drops below the Vovp(VOSENSE) level again. When the resistor between pin VOSENSE and ground is open, the overvoltage protection is also triggered. 7.2.10 PFC open loop protection (pin VOSENSE) The power factor correction circuit does not start switching until the voltage on pin VOSENSE is above the Vth(ol)(VOSENSE) level. This protects the circuit from open loop and VOSENSE short situations. As pin VOSENSE draws a small input current, switching is also inhibited when the pin is left open. Fig 7. Burst mode control Vburst(H) Vburst(L) soft-stop ton control soft-start VVOSENSE envelop of peak current 014aaa019 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |