Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL1750T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors SSL1750T Datasheet HTML 10Page - NXP Semiconductors SSL1750T Datasheet HTML 11Page - NXP Semiconductors SSL1750T Datasheet HTML 12Page - NXP Semiconductors SSL1750T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
9 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.1.4 Fast latch reset
In a typical application, the mains can be interrupted briefly to reset the latched protection.
The PFC bus capacitor, Cbus, does not have to discharge for this latched protection to
reset.
Typically, the PFC bus capacitor, Cbus, has to discharge for the VCC to drop to this reset
level. When the latched protection is set, the clamping circuit of the VINSENSE circuit is
disabled (see also Section 7.2.8). As soon as the VINSENSE voltage drops below
750 mV (typ) and is then raised to 870 mV (typ), the latched protection is reset.
The latched protection will also be reset by removing both the voltage on pin VCC and on
pin HV.
7.1.5 Overtemperature protection (OTP)
An accurate internal temperature protection is provided in the circuit. When the junction
temperature exceeds the thermal shutdown temperature, the IC only stops switching. As
long as OTP is active, the VCC capacitor is not recharged from the HV mains. The OTP
circuit is supplied from pin HV if the VCC supply voltage is not sufficient.
OTP is a latched protection. It can be reset by removing both the voltage on pin VCC and
on pin HV or by the fast latch reset function, see Section 7.1.4.
7.2 Power factor correction circuit
The power factor correction circuit operates in quasi-resonant or discontinuous conduction
mode with valley switching. The next primary stroke is only started when the previous
secondary stroke has ended and the voltage across the PFC MOSFET has reached a
minimum value. The voltage on pin PFCAUX is used to detect transformer
demagnetization and the minimum voltage across the external PFC MOSFET switch.
7.2.1 ton control
The power factor correction circuit is operated in ton control. The resulting mains harmonic
reduction of a typical application is well within the class-D requirements.
7.2.2 Valley switching and demagnetization (pin PFCAUX)
The PFC MOSFET is switched on after the transformer is demagnetized. Internal circuitry
connected to pin PFCAUX detects the end of the secondary stroke. It also detects the
voltage across the PFC MOSFET. The next stroke is started if the voltage across the PFC
MOSFET is at its minimum in order to reduce switching losses and ElectroMagnetic
Interference (EMI) (valley switching).
If no demagnetization signal is detected on pin PFCAUX, the controller generates a Zero
Current Signal (ZCS), 50
µs (typ) after the last PFC gate signal.
If no valley signal is detected on pin PFCAUX, the controller generates a valley signal
4
µs (typ) after demagnetization was detected.
To protect the internal circuitry, for example during lightning events, it is advisable to add a
5k
Ω series resistor to this pin. To prevent incorrect switching due to external disturbance,
the resistor should be placed close to the IC on the printed-circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com