Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L55 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 36Page - Cirrus Logic CS42L55 Datasheet HTML 37Page - Cirrus Logic CS42L55 Datasheet HTML 38Page - Cirrus Logic CS42L55 Datasheet HTML 39Page - Cirrus Logic CS42L55 Datasheet HTML 40Page - Cirrus Logic CS42L55 Datasheet HTML 41Page - Cirrus Logic CS42L55 Datasheet HTML 42Page - Cirrus Logic CS42L55 Datasheet HTML 43Page - Cirrus Logic CS42L55 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
40
DS773F1
CS42L55
5. REGISTER QUICK REFERENCE
(
Default values are shown below the bit names)
I²C Address: 1001010[R/W] - 10010100 = 0x94(Write); 10010101 = 0x95(Read)
Adr.
Function
7
6
5
4
3
2
1
0
01h ID
(Read Only)
Reserved
Reserved
Reserved
Reserved
Reserved
REVID2
REVID1
REVID0
p42
xxx
x
x
x
x
x
02h
Power Ctl 1
Reserved
Reserved
Reserved
Reserved
PDN_CHRG PDN_ADCB
PDN_ADCA
PDN
p42
00
0
0
1
1
1
1
03h
Power Ctl 2
PDN_HPB1
PDN_HPB0
PDN_HPA1
PDN_HPA0
PDN_LINB1
PDN_LINB0
PDN_LINA1
PDN_LINA0
p43
11
1
1
1
1
1
1
04h
Clocking Ctl 1
Reserved
Reserved
M/S
INV_SCLK
SCK=MCK1
SCK=MCK0
MCLKDIV2
MCLKDIS
p43
00
0
0
0
0
0
0
05h
Clocking Ctl 2
Reserved
Reserved
Reserved
SPEED1
SPEED0
32kGROUP
RATIO1
RATIO0
p44
00
0
0
1
0
1
1
06h Class H Power
Ctl
Reserved
Reserved
ADPTPWR1
ADPTPWR0
Reserved
Reserved
Reserved
Reserved
p45
00
0
0
0
0
0
0
07h
Misc. Ctl
DIGMUX
Reserved
Reserved
Reserved
ANLGZC
DIGSFT
Reserved
FREEZE
p45
00
0
0
1
1
0
0
08h ADC, Line, HP
MUX
ADCBMUX1
ADCBMUX0
ADCAMUX1
ADCAMUX0
LINEBMUX
LINEAMUX
HPBMUX
HPAMUX
p46
00
0
0
0
0
0
0
09h
HPF Ctl
HPFB
HPFRZB
HPFA
HPFRZA
HPFB_CF1
HPFB_CF0
HPFA_CF1
HPFA_CF0
p47
10
1
0
0
0
0
0
0Ah
Misc. ADC Ctl
ADCB=A
PGAB=A
DIGSUM1
DIGSUM0
INV_ADCB
INV_ADCA
ADCBMUTE
ADCAMUTE
p48
00
0
0
0
0
0
0
0Bh
PGAA Vol, MUX
BOOSTA
PGAAMUX
PGAAVOL5
PGAAVOL4
PGAAVOL3
PGAAVOL2
PGAAVOL1
PGAAVOL0
p49
00
0
0
0
0
0
0
0Ch
PGAB Vol, MUX
BOOSTB
PGABMUX
PGABVOL5
PGABVOL4
PGABVOL3
PGABVOL2
PGABVOL1
PGABVOL0
p49
00
0
0
0
0
0
0
0Dh ADCA Attenua-
tor
ADCAATT7
ADCAATT6
ADCAATT5
ADCAATT4
ADCAATT3
ADCAATT2
ADCAATT1
ADCAATT0
p50
00
0
0
0
0
0
0
0Eh ADCB Attenua-
tor
ADCBATT7
ADCBATT6
ADCBATT5
ADCBATT4
ADCBATT3
ADCBATT2
ADCBATT1
ADCBATT0
p50
00
0
0
0
0
0
0
0Fh
Playback Ctl 1
PDN_DSP
DEEMPH
Reserved
PLYBCKB=A
INV_PCMB
INV_PCMA
MSTBMUTE
MSTAMUTE
p50
00
0
0
0
0
0
0
10h
ADCMIXA Vol
AMIXAMUTE AMIXAVOL6
AMIXAVOL5
AMIXAVOL4
AMIXAVOL3 AMIXAVOL2 AMIXAVOL1
AMIXAVOL0
p51
10
0
0
0
0
0
0
11h
ADCMIXB Vol
AMIXBMUTE AMIXBVOL6
AMIXBVOL5
AMIXBVOL4
AMIXBVOL3 AMIXBVOL2 AMIXBVOL1
AMIXBVOL0
p51
10
0
0
0
0
0
0
12h
PCMMIXA Vol
PMIXAMUTE PMIXAVOL6
PMIXAVOL5
PMIXAVOL4
PMIXAVOL3 PMIXAVOL2 PMIXAVOL1
PMIXAVOL0
p52
00
0
0
0
0
0
0
13h
PCMMIXB Vol
PMIXBMUTE PMIXBVOL6
PMIXBVOL5
PMIXBVOL4
PMIXBVOL3 PMIXBVOL2 PMIXBVOL1
PMIXBVOL0
p52
00
0
0
0
0
0
0
14h BEEP Freq,
On Time
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
p53
00
0
0
0
0
0
0
15h BEEP Vol,
Off Time
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
p54
00
0
0
0
0
0
0
16h BEEP,
Tone Cfg.
BEEP1
BEEP0
Reserved
TREB_CF1
TREB_CF0
BASS_CF1
BASS_CF0
TC_EN
p55
00
0
0
0
0
0
0
17h
Tone Ctl
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
p56
10
0
0
1
0
0
0
18h
Master A Vol
MSTAVOL7
MSTAVOL6
MSTAVOL5
MSTAVOL4
MSTAVOL3
MSTAVOL2
MSTAVOL1
MSTAVOL0
p57
00
0
0
0
0
0
0
19h
Master B Vol
MSTBVOL7
MSTBVOL6
MSTBVOL5
MSTBVOL4
MSTBVOL3
MSTBVOL2
MSTBVOL1
MSTBVOL0
p57
00
0
0
0
0
0
0
1Ah Headphone A
Volume
HPAMUTE
HPAVOL6
HPAVOL5
HPAVOL4
HPAVOL3
HPAVOL2
HPAVOL1
HPAVOL0
p57
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com