Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L55 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 39Page - Cirrus Logic CS42L55 Datasheet HTML 40Page - Cirrus Logic CS42L55 Datasheet HTML 41Page - Cirrus Logic CS42L55 Datasheet HTML 42Page - Cirrus Logic CS42L55 Datasheet HTML 43Page - Cirrus Logic CS42L55 Datasheet HTML 44Page - Cirrus Logic CS42L55 Datasheet HTML 45Page - Cirrus Logic CS42L55 Datasheet HTML 46Page - Cirrus Logic CS42L55 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
DS773F1
43
CS42L55
6.3
Power Control 2 (Address 03h)
6.3.1
Headphone Power Control
Configures how the HPDETECT pin, 29, controls the power for the headphone amplifier.
6.3.2
Line Power Control
Configures how the HPDETECT pin, 29, controls the power for the line amplifier.
6.4
Clocking Control 1 (Address 04h)
6.4.1
Master/Slave Mode
Configures the serial port I/O clocking.
6.4.2
SCLK Polarity
Configures the polarity of the SCLK signal.
7
6
5
432
10
PDN_HPB1
PDN_HPB0
PDN_HPA1
PDN_HPA0
PDN_LINB1
PDN_LINB0
PDN_LINA1
PDN_LINA0
PDN_HPx[1:0]
Headphone Status
00
Headphone channel is ON when the HPDETECT pin, 29, is LO.
Headphone channel is OFF when the HPDETECT pin, 29, is HI.
01
Headphone channel is ON when the HPDETECT pin, 29, is HI.
Headphone channel is OFF when the HPDETECT pin, 29, is LO.
10
Headphone channel is always ON.
11
Headphone channel is always OFF.
PDN_LINx[1:0]
Line Status
00
Line channel is ON when the HPDETECT pin, 29, is LO.
Line channel is OFF when the HPDETECT pin, 29, is HI.
01
Line channel is ON when the HPDETECT pin, 29, is HI.
Line channel is OFF when the HPDETECT pin, 29, is LO.
10
Line channel is always ON.
11
Line channel is always OFF.
7
6
5
432
10
Reserved
Reserved
M/S
INV_SCLK
SCK=MCK1
SCK=MCK0
MCLKDIV2
MCLKDIS
M/S
Serial Port Clocks
0
Slave (Input ONLY)
1
Master (Output ONLY)
Application:
“Serial Port Clocking” on page 34
INV_SCLK
SCLK Polarity
0
Not Inverted
1
Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com