Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42325 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 49Page - Cirrus Logic CS42325 Datasheet HTML 50Page - Cirrus Logic CS42325 Datasheet HTML 51Page - Cirrus Logic CS42325 Datasheet HTML 52Page - Cirrus Logic CS42325 Datasheet HTML 53Page - Cirrus Logic CS42325 Datasheet HTML 54Page - Cirrus Logic CS42325 Datasheet HTML 55Page - Cirrus Logic CS42325 Datasheet HTML 56Page - Cirrus Logic CS42325 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
DS838A2
53
CS42325
6.9.3
Analog Input Selection
These bits are used to select the input source for the ADC.
6.10
DAC1 Control (Address 0Bh)
6.10.1
DAC1 De-Emphasis Control
This bit enables the digital filter to apply the standard 15μs/50μs digital de-emphasis filter response for a
sample rate (Fs) of 44.1 kHz. De-emphasis is available only in Single-Speed Mode.
6.10.2
DAC1 Single Volume Control
The individual channel volume levels are independently controlled by their respective Volume Control reg-
isters when this function is disabled. When enabled, the volume on DAC1 channels is determined by the
DAC1A Volume Control register and the DAC1B Volume Control register is ignored.
6.10.3
DAC1 Soft Ramp Control
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally ramp-
ing, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock periods.
ADC_SOFT
ADC Soft Ramp Control
0
Off
1On
AIN_SEL[2:0]
ADC Soft Ramp Control
000
Reserved
001
Line-Level Input Pair 1
010
Line-Level Input Pair 2
011
Line-Level Input Pair 3
100
Line-Level Input Pair 4
101
Line-Level Input Pair 5
110
Reserved
111
Reserved
7
6
5
432
10
DAC1_DEPH
DAC1_SNGV
OL
DAC1_SOFT
DAC1_ZC
DAC1_
LOOPBACK
DAC1_INV
DAC1_MIX1
DAC1_MIX0
DAC1_DEPH
DAC1 De-Emphasis Control
0
Off
1
On (valid for Fs = 44.1 kHz)
DAC1_SNGVOL
DAC1 Single Volume Control
0
Off
1On
DAC1_SOFT
DAC1 Soft Ramp Control
0Off
1
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com