Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42325 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 15Page - Cirrus Logic CS42325 Datasheet HTML 16Page - Cirrus Logic CS42325 Datasheet HTML 17Page - Cirrus Logic CS42325 Datasheet HTML 18Page - Cirrus Logic CS42325 Datasheet HTML 19Page - Cirrus Logic CS42325 Datasheet HTML 20Page - Cirrus Logic CS42325 Datasheet HTML 21Page - Cirrus Logic CS42325 Datasheet HTML 22Page - Cirrus Logic CS42325 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
DS838A2
19
CS42325
DAC COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
Notes: 10. Response is clock-dependent and will scale with Fs. Note that the amplitude vs. frequency plots of this
data (Figures 31 to 42) have been normalized to Fs and can be de-normalized by multiplying the X-axis
scale by Fs.
11. For Single-Speed Mode, the measurement bandwidth is from StopBand to 3 Fs.
For Double-Speed Mode, the measurement bandwidth is from StopBand to 3 Fs.
12. De-emphasis is available only in Single-Speed Mode.
Parameter (Note 10)
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Passband (Note 11)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.454
.499
Fs
Fs
Frequency Response (10 Hz to 20 kHz)
-0.01
-
+0.01
dB
StopBand
0.547
-
-
Fs
StopBand Attenuation
(Note 11)
102
-
-
dB
Group Delay
tgd
-
9.4/Fs
-
s
De-emphasis Error (Note 12)
Fs = 44.1 kHz
-
-
+/-0.14
dB
Double-Speed Mode
Passband (Note 11)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.43
.499
Fs
Fs
Frequency Response (10 Hz to 20 kHz)
-0.01
-
+0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 11)
80
-
-
dB
Group Delay
tgd
-
4.6/Fs
-
s
AOUTx
GND
3.3 µF
V
out
R
L
C
L
Figure 1. Equivalent Analog Output Load
Figure 2. Maximum Analog Line Output Loading
100
50
75
25
2.5
5
10
15
Safe Operating
Region
Resistive Load -- R
(kΩ)
L
125
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com