Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42325 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 56Page - Cirrus Logic CS42325 Datasheet HTML 57Page - Cirrus Logic CS42325 Datasheet HTML 58Page - Cirrus Logic CS42325 Datasheet HTML 59Page - Cirrus Logic CS42325 Datasheet HTML 60Page - Cirrus Logic CS42325 Datasheet HTML 61Page - Cirrus Logic CS42325 Datasheet HTML 62Page - Cirrus Logic CS42325 Datasheet HTML 63Page - Cirrus Logic CS42325 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
60
DS838A2
CS42325
6.19.1
DAC2 Auto Mute Left Mask (DAC2_AMUTELM)
This bit serves as a mask for the DAC2 Auto Mute Left interrupt source. If this bit is cleared, the
DAC2_AMUTEL interrupt is unmasked, meaning that if the DAC2_AMUTEL condition occurs, the INT pin
will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)” register on
page 59. If the DAC2_AMUTELM bit is set, the DAC2_AMUTEL condition is masked, meaning that its oc-
currence will not affect the INT pin.
6.19.2
DAC2 Auto Mute Right Mask (DAC2_AMUTERM)
This bit serves as a mask for the DAC2 Auto Mute Left interrupt source. If this bit is cleared, the
DAC2_AMUTER interrupt is unmasked, meaning that if the DAC2_AMUTER condition occurs, the INT pin
will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)” register on
page 59. If the DAC2_AMUTERM bit is set, the DAC2_AMUTER condition is masked, meaning that its
occurrence will not affect the INT pin.
6.19.3
DAC1 Auto Mute Left Mask (DAC1_AMUTELM)
This bit serves as a mask for the DAC1 Auto Mute Left interrupt source. If this bit is cleared, the
DAC1_AMUTEL interrupt is unmasked, meaning that if the DAC1_AMUTEL condition occurs, the INT pin
will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)” register on
page 59. If the DAC1_AMUTELM bit is set, the DAC1_AMUTEL condition is masked, meaning that its oc-
currence will not affect the INT pin.
6.19.4
DAC1 Auto Mute Right Mask (DAC1_AMUTELM)
This bit serves as a mask for the DAC1 Auto Mute Left interrupt source. If this bit is cleared, the
DAC1_AMUTER interrupt is unmasked, meaning that if the DAC1_AMUTER condition occurs, the INT pin
will go active according to the DAC_AMUTE[1:0] bits in the “Interrupt Mode (Address 16h)” register on
page 59. If the DAC1_AMUTERM bit is set, the DAC1_AMUTER condition is masked, meaning that its
occurrence will not affect the INT pin.
6.19.5
Serial Port 2 Clock Error Mask (SP2_CLKERRM)
This bit serves as a mask for the serial port 2 clock error interrupt source. If this bit is cleared, the
SP2_CLKERR interrupt is unmasked, meaning that if the SP2_CLKERR bit is set, the INT pin will go ac-
tive according to the SP2_CLKERR[1:0] bits in the “Interrupt Mode (Address 16h)” register on page 59. If
the SP2_CLKERRM bit is set, the SP2_CLKERR condition is masked, meaning that its occurrence will
not affect the INT pin.
6.19.6
Serial Port 1 Clock Error Mask (SP1_CLKERRM)
This bit serves as a mask for the serial port 1 clock error interrupt source. If this bit is cleared, the
SP1_CLKERR interrupt is unmasked, meaning that if the SP1_CLKERR bit is set, the INT pin will go ac-
tive according to the SP1_CLKERR[1:0] bits in the “Interrupt Mode (Address 16h)” register on page 59. If
the SP1_CLKERRM bit is set, the SP1_CLKERR condition is masked, meaning that its occurrence will
not affect the INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com