Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 59Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 60Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 61Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 62Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 63Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 64Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 65Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 66Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 208 page
background image
63
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Block Diagram
The Smart Card Interface Block diagram is shown Figure 29:
Figure 29.
SCIB Block Diagram
Definitions
This paragraph introduces some of the terms used in ISO 7816-3 and EMV recommen-
dations. Please refer to the full recommendations for a complete list of terms.
Terminal and ICC
Terminal is the reader, ICC is the Integrated Circuit Card
ETU
Elementary Timing Unit (Bit time)
T=0
Character oriented half duplex protocol T=0
T=1
Block oriented half duplex protocol T=1
Activation: Cold Reset
Reset initiated by the Terminal with Vcc power-up. The card will answer with ATR (see
below)
Activation: Warm Reset
Reset initiated by the Terminal with Vcc already powered-up, and after a prior ATR or
Warm Reset
De-Activation
Deactivation by the Terminal as a result of : unresponsive ICC, or ICC removal.
Barrel shifter
Scart
fsm
Interrupt generator
Power on
Power off
fsm
I/O
mux
IO (in)
IO (out)
CLK
RST
C4 (out)
Clk_iso
C8 (out)
C4 (in)
C8 (in)
Waiting time counter
Guard time counter
VCARD
INT
Clk_cpu
Etu counter
SCI Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com