Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 3 Page - ATMEL Corporation

  AT83R5122XXX-RDRUM Datasheet HTML 1Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 2Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 3Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 4Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 5Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 6Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 7Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 8Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 208 page
background image
3
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Product Description
AT8xC5122/23 products are high-performance CMOS derivatives of the 80C51 8-bit
microcontrollers designed for USB smart card reader applications.
The AT8xC5122 is proposed in four versions :
- ROM version referenced AT83R5122 is only factory programmable.
- CRAM version without internal data E2PROM. The CRAM device implements a vola-
tile program memory which is programmed by means of an embedded ROMed
bootloader which transfers the code from a remote software programming tool called
FLIP through UART or USB interfaces.
- Flash version without internal data E2PROM. At power-up, the program located in the
flash memory is transferred into the CRAM then executed.
The AT83C5123 is a low pin count of the AT8xC5122 and is proposed in ROM version
with or without internal data E2PROM. The ROM device is only factory programmable.
The AT8xC5122DS is a secure version of the AT8xC5122 on which the external pro-
gram memory access mode is disabled.
Table 1.
Product versions
Features
AT83C5122
AT83R5122
AT85C5122
AT89C5122
AT89C5122DS
AT83C5123
Packages
VQFP64
QFN64
Die Form
PLCC68
VQFP64
Die Form
VQFP64
QFN64
VQFP64
QFN64
VQFP32
QFN32
Die Form
Program memory
32KB ROM
32KB CRAM
32KB E2PROM
32KB E2PROM
30KB ROM
Internal Data E2PROM
No
No
No
No
No
Embedded bootloader
No
Yes
Yes
Yes
No
Features
VQFP32,
QFN32
packages
Features not
available :
- Keyboard Interface
- Master/Slave SPI
Interface
- External Program
Memory Access
Reduced features :
- Only 12 I/O with up
to 4 LED Outputs with
Programmable
Current
PLCC68,
VQFP64,QFN64
packages
All features are available
All features are
available
except External
Program Memory
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com