Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 60Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 61Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 62Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 63Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 64Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 65Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 66Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 67Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 208 page
background image
64
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
ATR
Answer To Reset. Response from the ICC to a Reset initiated by the Terminal
F and D
F = Clock Rate Conversion Factor, D = Bit rate adjustment factor. ETU is defined as :
ETU = F/(D*f) with f = Card Clock frequency. If f is in Hertz, ETU is in second. F and D
are available in the ATR (byte TA1). The default values are F=372, D=1.
Guard Time
The time between 2 leading edges of the start bit of 2 consecutive characters is com-
prised of the character duration (10) plus the guard time. Be aware that the Guard Time
counter and the Guard Time registers in the AT8xC5122/23 consider the time between 2
consecutive characters. So the equation is Guard Time Counter = Guard Time + 10. In
other words, the Guard Time is the number of Stop Bits between 2 characters sent in
the same direction.
Extra Guard Time
ISO IEC 7816-3 and EMV introduce the Extra Guard time to be added to the minimum
Guard Time. Extra Guard Time only apply to consecutive characters sent by the termi-
nal to the ICC. The TC1 byte in the ATR define the number N. For N=0 the character to
character duration is 12 ETUs. For N=254 the character to character duration is 266. For
N=255 (special case) The minimum character to character duration is to be used : 12 for
T=0 protocol and 11 for T=1 protocol.
Block Guard Time
The time between the leading edges of 2 consecutive characters sent in opposit direc-
tion. ISO IEC 7816-3 and EMV recommend a fixed Block Guard Time of 22 ETUs.
Work Waiting Time (WWT)
In T=0 protocol WWT is the interval between the leading edge of any character sent by
the ICC, and the leading edge of the previous character sent either by the ICC or the
Terminal. If no character is received by the terminal after WWTmax time, the Terminal
initiates a De-Activation Sequence.
Character Waiting Time (CWT)
In T=1 protocol CWT is the interval between the leading edge of 2 consecutive charac-
ters sent by the ICC. If the next character is not received by the Terminal after CWTmax
time, the Terminal initiates a De-Activation Sequence.
Block Waiting Time (BWT)
In T=1 protocol BWT is the interval between the leading edge of the start bit of the last
character sent by the Terminal that gives the right to sent to the ICC, and the leading
edge of the start bit of the first character sent by the ICC. If the first character from the
ICC is not received by the Terminal after BWTmax time, the Terminal initiates a De-Acti-
vation Sequence.
Waiting Time Extention (WTX)
In T=1 protocol the ICC can request a Waiting Time Extension with a S(WTX request)
request. The Terminal should acknowlege it. The Waiting time between the leading
edge of the start bit of the last character sent by the Terminal that gives the right to sent
to the ICC, and the leading edge of the start bit of the first character sent by the ICC will
be BWT*WTX ETUs.
Parity error in T=0 protocol
In T=0 protocol, a Terminal (respectively an ICC) detecting a parity error while receiving
a character shall force the Card IO line at 0 starting at 10.5 ETUs, thus reducing the first
Guard bit by half the time. The Terminal (respectively an ICC) shall maintain a 0 for 1
ETU min and 2 ETUs max (according to ISO IEC) or to 2 ETUs (according to EMV). The
ICC (respectively a Terminal) shall monitor the Card IO to detect this error signal then
attempt to repeat the character. According to EMV, following a parity error the character
can be repeated one time, if parity error is detected again this procedure can be
repeated 3 more times. The same character can be transmitted 5 times in total. ISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com