Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT18F010 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT18F010
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F010 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT18F010 Datasheet HTML 7Page - ATMEL Corporation AT18F010 Datasheet HTML 8Page - ATMEL Corporation AT18F010 Datasheet HTML 9Page - ATMEL Corporation AT18F010 Datasheet HTML 10Page - ATMEL Corporation AT18F010 Datasheet HTML 11Page - ATMEL Corporation AT18F010 Datasheet HTML 12Page - ATMEL Corporation AT18F010 Datasheet HTML 13Page - ATMEL Corporation AT18F010 Datasheet HTML 14Page - ATMEL Corporation AT18F010 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
12. AC Characteristics
Figure 12-1. AT18Fxx as Configuration Slave with CLK Input Pin as Clock Source
Table 12-1.
AC Characteristics over Operating Conditions
Symbol
Description
Min
Max
Units
TCF
CF to Data Delay
20
50
µs
T
OE
RESET/OE to Data Delay
10
ns
T
CE
CE to Data Delay
20
µs
TCAC
CLK to Data Delay
15
ns
T
OH
Data Hold from CE, RESET/OE, CLK, or CF
15
ns
T
DF
CE or RESET/OE to Data Float Delay
25
ns
TCYC
Clock Period
30
ns
T
LC
CLK Low Time
15
ns
T
HC
CLK High Time
15
ns
TSCE
CE Setup Time to CLK
20
µs
T
HCE
CE Hold Time
250
ns
T
HOE
RESET/OE Hold Time
250
ns
TBLKE
Block Erase Time
0.7
1
s
T
ERASE
Bulk Erase Time – 1M
3s
Bulk Erase Time – 2M
5s
Bulk Erase Time – 4M
9s
Bulk Erase Time – 8M
15
s
TCK_J
TAP Clock Minimum Period
100
ns
CE
RESET/OE
CLK
DATA
TSCE
TLC
THC
TCYC
TCAC
TOE
TCE
TOH
THOE
TCF
THCE
TDF
TOH
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com