Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT18F010 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT18F010
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F010 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT18F010 Datasheet HTML 2Page - ATMEL Corporation AT18F010 Datasheet HTML 3Page - ATMEL Corporation AT18F010 Datasheet HTML 4Page - ATMEL Corporation AT18F010 Datasheet HTML 5Page - ATMEL Corporation AT18F010 Datasheet HTML 6Page - ATMEL Corporation AT18F010 Datasheet HTML 7Page - ATMEL Corporation AT18F010 Datasheet HTML 8Page - ATMEL Corporation AT18F010 Datasheet HTML 9Page - ATMEL Corporation AT18F010 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
6.
Pin Description
6.1
DATA (D0)
Open-collector bi-directional data pin. This pin has an internal 20 K
Ω pull-up resistor.
6.2
CLK
Clock input. Used to increment the internal address and bit counter for reading and program-
ming. This pin has an internal 20 K
Ω pull-up resistor.
6.3
RESET/OE
Output Enable (active High) and RESET (active Low). A Low level on RESET/OE resets both
the address and bit counters. A High level (with CE Low) enables the data output driver. This pin
has an internal 20 K
Ω pull-up resistor.
6.4
CE
Chip Enable input (active Low). A Low level (with OE High) allows CLK to increment the address
counter and enables the data output driver. A High level on CE disables both the address and bit
counters and forces the device into a low-power standby mode. This pin has an internal 20 K
pull-up resistor.
6.5
CF
Configuration Pulse (open-drain output). Allows JTAG CONFIG instruction to initiate FPGA con-
figuration without powering down the FPGA. This is an open-drain output that is pulsed Low by
the JTAG CONFIG command.
Table 6-1.
Pin Descriptions
Name
Type
20-lead TSSOP
DATA
I/O
1
CLK
I
3
RESET/OE
I
8
CE
I10
CF
I7
CEO
O13
TMS
I
5
TCK
I
6
TDI
I
4
TDO
O
17
VCCINT
I
18
NC
-
2, 9, 12, 14, 15, 16
VCCO
Power Supply
19
GND
Ground
11
VCCJ
Power Supply
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com