Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT25DF081
Description  8-megabit 1.65-volt Minimum SPI Serial Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT25DF081 Datasheet HTML 20Page - ATMEL Corporation AT25DF081 Datasheet HTML 21Page - ATMEL Corporation AT25DF081 Datasheet HTML 22Page - ATMEL Corporation AT25DF081 Datasheet HTML 23Page - ATMEL Corporation AT25DF081 Datasheet HTML 24Page - ATMEL Corporation AT25DF081 Datasheet HTML 25Page - ATMEL Corporation AT25DF081 Datasheet HTML 26Page - ATMEL Corporation AT25DF081 Datasheet HTML 27Page - ATMEL Corporation AT25DF081 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
3674E–DFLASH–8/08
AT25DF081
Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put
the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not
require that a full byte of data be read.
Figure 11-1. Read Manufacturer and Device ID
Table 11-1.
Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
45h
3
Device ID (Part 2)
02h
4
Extended Device Information String Length
00h
Table 11-2.
Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code:
0001 1111 (1Fh for Atmel)
0
0011111
Device ID (Part 1)
Family Code
Density Code
47h
Family Code:
Density Code:
010 (AT25DF/26DFxxx series)
00101 (8-Mbit)
0
1000101
Device ID (Part 2)
Sub Code
Product Version Code
00h
Sub Code:
Product Version:
000 (Standard series)
00010
0
0000010
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
45h
02h
00h
MANUFACTURER ID
DEVICE ID
BYTE 1
DEVICE ID
BYTE 2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com