Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT25DF081
Description  8-megabit 1.65-volt Minimum SPI Serial Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT25DF081 Datasheet HTML 30Page - ATMEL Corporation AT25DF081 Datasheet HTML 31Page - ATMEL Corporation AT25DF081 Datasheet HTML 32Page - ATMEL Corporation AT25DF081 Datasheet HTML 33Page - ATMEL Corporation AT25DF081 Datasheet HTML 34Page - ATMEL Corporation AT25DF081 Datasheet HTML 35Page - ATMEL Corporation AT25DF081 Datasheet HTML 36Page - ATMEL Corporation AT25DF081 Datasheet HTML 37Page - ATMEL Corporation AT25DF081 Datasheet HTML 38Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
3674E–DFLASH–8/08
AT25DF081
16. Revision History
Revision Level – Release Date
History
A – September 2007
Initial release
B – October 2007
Changed part number ordering code to reflect NiPdAu lead finish
- Changed AT25DF081-SSU-1.8 to AT25DF081-SSH-1.8
- Changed AT25DF081-MU-1.8 to AT25DF081-MH-1.8
Added lead finish details to Ordering Information table
C – December 2007
Changed description from “1.8-volt Only Serial Firmware DataFlash” to “1.65-volt
Minimum SPI Serial Flash”
Removed 8-ball dBGA
Changed Deep Power-Down current values
- Increased typical value from 4 µA to 8 µA
- Increased maximum value from 8 µA to 14 µA
Changed typical Chip Erase time from 6 sec to 8 sec
Updated Ordering Information table and changed part numbering scheme
Changed 8Y7 package to 8MA1 package
D – January 2008
Added 11-ball dBGA (WLCSP)
Updated Ordering Information table
E – August 2008
Removed “Preliminary” status from the datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com