Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT25DF081
Description  8-megabit 1.65-volt Minimum SPI Serial Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT25DF081 Datasheet HTML 24Page - ATMEL Corporation AT25DF081 Datasheet HTML 25Page - ATMEL Corporation AT25DF081 Datasheet HTML 26Page - ATMEL Corporation AT25DF081 Datasheet HTML 27Page - ATMEL Corporation AT25DF081 Datasheet HTML 28Page - ATMEL Corporation AT25DF081 Datasheet HTML 29Page - ATMEL Corporation AT25DF081 Datasheet HTML 30Page - ATMEL Corporation AT25DF081 Datasheet HTML 31Page - ATMEL Corporation AT25DF081 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
3674E–DFLASH–8/08
AT25DF081
12. Electrical Specifications
12.1
Absolute Maximum Ratings*
Temperature Under Bias............................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .................................... -65
° C to +150° C
All Input Voltages
(including NC Pins)
with Respect to Ground .....................................-0.6V to +3.8V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.5V
12.2
DC and AC Operating Range
AT25DF081
Operating Temperature (Case)
Ind.
-40
° C to +85° C
VCC Power Supply
1.65V to 1.95V
12.3
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
35
µA
I
DPD
Deep Power-Down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
814
µA
I
CC1
Active Current, Read Operation
f = 66 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
912
mA
f = 50 MHz; IOUT = 0 mA,
CS = V
IL, VCC = Max
811
f = 33 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
710
f = 20 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
69
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
12
15
mA
I
CC3
Active Current, Erase Operation
CS = VCC, VCC = Max
14
17
mA
I
LI
Input Leakage Current
V
IN = CMOS levels
1
µA
ILO
Output Leakage Current
VOUT = CMOS levels
1
µA
V
IL
Input Low Voltage
0.2 x V
CC
V
V
IH
Input High Voltage
0.8 x V
CC
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = Min
0.2
V
V
OH
Output High Voltage
I
OH = -100 µA, VCC = Min
V
CC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com