Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS463B Datasheet(PDF) 32 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 28Page - ATMEL Corporation TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation TSS463B Datasheet HTML 32Page - ATMEL Corporation TSS463B Datasheet HTML 33Page - ATMEL Corporation TSS463B Datasheet HTML 34Page - ATMEL Corporation TSS463B Datasheet HTML 35Page - ATMEL Corporation TSS463B Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
32
TSS463B
4102E–AUTO–12/04
Transmission Status Register (0x05)
•
Read only register.
•
Default value after reset: 0x00.
•
The transmission Status register contains the number of retries made up-to-date,
according to the Table 5., and the channel currently in transmission.
NRT [3:0]
Number of retries done in transmission.
IDT [3:0]
Channel number currently in transmission.
Last Message Status Register
(0x06)
•
Read only register.
•
Default value after reset: 0x00.
•
This register is basically the same as the transmission status register. It contains the
last identifier number that was successfully transmitted, received or exceeded its
retry count.
If it was a successful transmission, the number of retries performed can be seen in
this register as well.
NRTR [3:0]
Number of retries done successfully in transmission. In case of reception NRTR[3:0] is
undefined.
IDTR [3:0]
Channel number that was successfully transmitted, received or exceeded its retry count.
Last Error Status Register
(0x07)
•
Read only register.
•
Default value after reset: 0
×00.
•
The Last Error Status Register contains the error code for the last transmission or
reception attempt. It is updated after each attempt, i.e. several error codes can be
reported during one single transmission (with several retries).
BOC: Buffer occupied
•
when one channel configured in “Reply request” mode has its “received” bit set
when it attempts to transmit its request.
•
BOC with the link capability between two channels sharing the same received
buffer, is set when one channel has already set its “received” bit in its “Message
length and status Channel register” and a receive is attempt on the other one.
One: BOC active
Zero: BOC inactive
7654
3210
NRT3
NRT2
NRT1
NRT0
IDT3
IDT2
IDT1
IDT0
7654
3210
NRTR3
NRTR2
NRTR1
NRTR0
IDTR3
IDTR2
IDTR1
IDTR0
7654
3210
X
BOC
BOV
X
FCSE
ACKE
CV
FV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com