Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS463B Datasheet(PDF) 33 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation TSS463B Datasheet HTML 32Page - ATMEL Corporation TSS463B Datasheet HTML 33Page - ATMEL Corporation TSS463B Datasheet HTML 34Page - ATMEL Corporation TSS463B Datasheet HTML 35Page - ATMEL Corporation TSS463B Datasheet HTML 36Page - ATMEL Corporation TSS463B Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
33
TSS463B
4102E–AUTO–12/04
BOV: Buffer Overflow
BOV indicates that the buffer length setup in the Channel Status Register was shorter
than the number of bytes received plus 1, and thus, some data was lost.
One: BOV active
Zero: BOV inactive
FCSE: Framing Check
Sequence Error
FCSE indicates a mismatch between the FCS received and the FCS calculated
One: FCSE active
Zero: FCSE inactive
ACKE: Acknowledge Error
ACKE indicates a physical violation or collision on ACK field of the frame when the
TSS463B is a producer.
One: ACKE active
Zero: ACKE inactive
Figure 23. ACKE Status Bit
CV: Code Violation
CV indicates:
•
either a Manchester code violation (2 identical TS on Manchester bit), or a physical
violation (transmitted bit “dominant”, received bit “recessive”), on fields ID, COM,
DATA and CRC.
•
or a physical violation or collision on field “preamble” and the “recessive” bit of the
“Star Sync” field.
One: CV active
Zero: CV inactive
FV: Frame Violation
FV indicates a physical violation or collision on ACK field of the frame when the
TSS463B is a consumer.
One: FV active
Zero: FV inactive
RAK* = 1
*RAK: bit of the frame COMMAND field
ACKE = 0
ACKE = 1
ACKE = 1
ACKE = 1
ACKE = 0
ACKE = 1
ACKE = 1
ACKE = 1
EOD field
ACK field
EOD field
ACK field
Expected
Received
Received
Received
Expected
Received
Received
Received
DLC: Producer
RAK = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com