Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Pin Configuration
Ordering Information
Underside metal must be soldered to ground.
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
8
,
12
B
F
,
1
B
F
s
ti
n
e
e
w
t
e
b
r
e
d
i
v
i
d
e
v
it
s
i
s
e
r
a
o
t
d
e
it
s
i
n
i
p
B
F
h
c
a
E
.
s
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
s
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
T
.
e
g
a
tl
o
v
t
u
p
t
u
o
l
e
n
n
a
h
c
e
h
t
t
e
s
o
t
d
n
u
o
r
g
d
n
a
t
u
p
t
u
o
7
,
2
,
1
T
S
O
O
B
2
T
S
O
O
B
o
t
s
p
m
u
p
e
g
r
a
h
c
r
o
ti
c
a
p
a
c
-
e
d
o
i
d
l
a
n
r
e
t
x
e
o
t
e
i
T
.
s
r
e
v
ir
d
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
e
h
t
o
t
s
n
i
p
y
l
p
p
u
S
V
n
a
h
t
r
e
h
g
i
h
s
e
g
a
tl
o
v
e
v
ir
d
e
t
a
r
e
n
e
g
N
I
.
s
e
h
c
ti
w
s
r
e
w
o
p
N
P
N
l
a
n
r
e
t
n
i
e
h
t
e
c
n
a
h
n
e
y
ll
u
f
o
t
r
e
d
r
o
n
i
6
,
32
W
S
,
1
W
S
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
n
i
p
W
S
h
c
a
E
.
s
r
o
t
s
i
s
n
a
r
t
N
P
N
r
e
w
o
p
l
a
n
r
e
t
n
i
e
h
t
f
o
s
r
e
tt
i
m
E
.r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
d
n
a
e
d
o
i
d
g
n
il
e
e
h
w
e
e
r
f
,r
o
t
c
u
d
n
i
5
,
42
N
I
V
P
,
1
N
I
V
P
t
n
e
r
r
u
c
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
o
t
s
e
il
p
p
u
s
r
e
w
o
p
e
h
t
d
n
a
s
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
l
a
n
r
e
t
n
i
e
h
t
f
o
s
r
o
t
c
e
ll
o
C
d
n
a
B
C
P
e
h
t
n
o
d
e
n
i
o
j
e
b
t
s
u
m
y
e
h
T
.
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
t
o
n
e
r
a
5
d
n
a
4
s
n
i
P
.
s
ti
u
c
r
i
c
g
n
i
s
n
e
s
.
e
n
a
l
p
d
n
u
o
r
g
r
e
w
o
p
e
h
t
o
t
d
e
s
s
a
p
y
b
y
l
e
s
o
l
c
6
1
,
9
,
1
P
M
O
C
2
P
M
O
C
h
c
ti
w
s
k
a
e
p
e
h
t
l
o
r
t
n
o
c
s
n
i
p
e
s
e
h
t
t
a
s
e
g
a
tl
o
v
e
h
T
.
s
r
e
if
il
p
m
a
r
o
r
r
e
l
a
n
r
e
t
n
i
e
h
t
f
o
s
t
u
p
t
u
O
V
7
.
0
w
o
l
e
b
n
i
p
r
e
h
ti
e
g
n
il
l
u
P
.
s
p
o
o
l
l
o
r
t
n
o
c
e
h
t
e
z
il
i
b
a
t
s
s
n
i
p
e
s
e
h
t
t
a
s
k
r
o
w
t
e
n
C
R
.
s
t
n
e
r
r
u
c
.r
o
t
a
l
u
g
e
r
g
n
i
h
c
ti
w
s
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
s
p
o
t
s
4
1
,
0
12
S
S
,
1
S
S
r
o
f
s
n
o
it
c
n
u
f
p
u
c
c
i
h
d
a
o
lr
e
v
o
d
n
a
t
r
a
t
s
-
tf
o
s
s
e
d
i
v
o
r
p
d
n
u
o
r
g
o
t
n
i
p
S
S
r
e
h
ti
e
m
o
r
f
r
o
ti
c
a
p
a
c
A
ff
o
s
t
u
h
s
r
o
t
s
i
s
n
a
r
t
r
o
t
c
e
ll
o
c
r
o
n
i
a
r
d
n
e
p
o
n
a
h
ti
w
V
8
.
0
w
o
l
e
b
n
i
p
S
S
r
e
h
ti
e
g
n
il
l
u
P
.l
e
n
n
a
h
c
t
a
h
t
S
S
h
t
o
b
ll
u
p
,
e
t
a
t
s
t
n
e
r
r
u
c
-
w
o
l
o
t
0
2
6
2
C
S
e
h
t
ff
o
t
u
h
s
y
l
e
t
e
l
p
m
o
c
o
T
.r
o
t
a
l
u
g
e
r
g
n
i
d
n
o
p
s
e
r
r
o
c
e
h
t
.
s
n
o
it
a
c
il
p
p
a
ll
a
r
o
f
d
e
d
n
e
m
m
o
c
e
r
s
i
t
r
a
t
s
-
tf
o
S
.
d
n
u
o
r
g
o
t
s
n
i
p
1
1D
N
G
.t
n
i
o
p
e
l
g
n
i
s
a
t
a
e
n
a
l
p
d
n
u
o
r
g
r
e
w
o
p
B
C
P
e
h
t
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
g
g
o
l
a
n
A
2
1N
I
V
n
a
h
g
u
o
r
h
t
s
n
i
p
N
I
V
P
e
h
t
o
t
t
c
e
n
n
o
C
.
0
2
6
2
C
S
e
h
t
f
o
n
o
it
c
e
s
l
o
r
t
n
o
c
g
o
l
a
n
a
e
h
t
o
t
y
l
p
p
u
s
r
e
w
o
P
.r
e
tl
if
C
R
l
a
n
o
it
p
o
3
1C
S
O
R
.
y
c
n
e
u
q
e
r
f
g
n
i
h
c
ti
w
s
l
e
n
n
a
h
c
e
h
t
s
t
e
s
d
n
u
o
r
g
g
o
l
a
n
a
e
h
t
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
A
5
11
D
O
O
G
P
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
x
e
n
a
o
t
e
i
T
.r
o
t
a
r
a
p
m
o
c
d
o
o
g
r
e
w
o
p
1
l
e
n
n
a
h
C
f
o
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
n
e
p
O
V
s
a
n
o
o
s
s
a
d
il
a
v
s
e
m
o
c
e
b
t
u
p
t
u
o
1
D
O
O
G
P
.r
e
t
r
e
v
n
o
c
e
h
t
f
o
t
u
p
t
u
o
e
h
t
r
o
t
u
p
n
i
e
h
t
m
o
r
f
N
I
s
e
s
ir
V
1
e
v
o
b
a
E
B
n
i
h
ti
w
o
t
s
e
s
ir
e
g
a
tl
o
v
1
B
F
li
t
n
u
w
o
l
d
e
ll
u
p
y
l
e
v
it
c
a
s
i
1
D
O
O
G
P
.
p
u
-
r
e
w
o
p
g
n
ir
u
d
.
e
g
a
tl
o
v
n
o
it
a
l
u
g
e
r
l
a
n
if
s
ti
f
o
%
0
1
e
d
i
s
r
e
d
n
U
l
a
t
e
M
e
h
t
f
o
n
i
p
d
n
u
o
r
g
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
s
i
e
g
a
k
c
a
p
e
h
t
f
o
m
o
tt
o
b
e
h
t
t
a
d
a
p
d
e
s
o
p
x
e
e
h
T
g
o
l
a
n
a
e
h
t
o
t
d
e
r
e
d
l
o
s
e
b
o
t
s
i
tI
.
d
r
a
o
b
ti
u
c
r
i
c
e
h
t
o
t
t
c
a
t
n
o
c
l
a
m
r
e
h
t
a
s
a
s
e
v
r
e
s
o
s
l
a
tI
.
0
2
6
2
C
S
.
d
r
a
o
b
C
P
e
h
t
f
o
e
n
a
l
p
d
n
u
o
r
g
Pin Descriptions
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
T
R
T
E
S
0
2
6
2
C
S
)
2
(
)
1
(
P
D
E
6
1
-
C
I
O
S
B
V
E
0
2
6
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
1
2
3
4
5
6
7
8
FB1
BOOST1
TOP VIEW
(16 Pin SOIC-EDP)
13
12
14
15
16
11
10
9
COMP1
SW1
PGOOD1
PVIN1
SS1
GND
SS2
ROSC
VIN
COMP2
SW2
FB2
BOOST2
PVIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com