Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation SC2620 Datasheet HTML 20Page - Semtech Corporation SC2620 Datasheet HTML 21Page - Semtech Corporation SC2620 Datasheet HTML 22Page - Semtech Corporation SC2620 Datasheet HTML 23Page - Semtech Corporation SC2620 Datasheet HTML 24Page - Semtech Corporation SC2620 Datasheet HTML 25Page - Semtech Corporation SC2620 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Typical Application Circuits
500kHz 12V to 5V and 0.8V step-down converter. Notice that V
OUT2 is lower than the nominal
FB voltage. R
11 and R12 constitute the feedback voltage divider for Channel 2.
Figure 17(a).
C15
10
µF
SC2620
GND
SS2
PVIN
SW1
FB2
COMP2
R7
8.25k
BOOST1
C1
22
µF
BOOST2
SW2
L1
15
µH
C2
0.1
µF
L2
4.7
µH
C4
0.1
µF
SS1
PGOOD1
COMP1
FB1
C3
47
µF
D1
UPS120
D2
UPS120
OUT1
0.8V/2A
R3
60.4k
15.0k
R2
R1
8.06k
C7
47nF
C10
22nF
ROSC
R9
51.1k
C8
1nF
R5
15.4k
C5
1nF
D4
1N4148
L1 : Coiltronics DR74
OUT2
5V/2A
D3
1N4148
C6
47pF
C1: Murata GRM21BR60J 226M
VIN
10
R10
12V
C16
0.1
µF
4.02k
R12
80.6k
R11
L2 : Coiltronics DR73
C12
47pF
C11
47pF
C3: Murata GRM31CR60J476M
C15: Murata GRM32DR61E106K
C9
22pF
Figure 17(b). V
IN Start-up Transient (IOUT1 = IOUT2 = 1.5A).
4ms/div
CH1 : V
IN, 5V/div
CH4 : SS2 Voltage, 2V/div
CH2 : OUT1 Voltage, 2V/div
CH3 : OUT2 Voltage, 0.5V/div
CH 1
CH 2
CH 3
CH 4
Figure 17(c). Channel 2 Output Short-circuit Hiccup.
10ms/div
Upper Trace : OUT2 Voltage, 0.1V/div
Middle Trace : SS2 Voltage, 1V/div
Lower Trace : I
L2, 2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com