Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2620 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Electrical Characteristics (Cont.)
Unless specified: -40°C < T
J< 125°C, ROSC = 12.1kΩ, VIN = 5V, VBOOST = 8V
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
r
r
E
0
8
2µ
Ω 1-
n
i
a
G
p
o
o
L
-
n
e
p
O
r
e
if
il
p
m
A
r
o
r
r
E
3
5B
d
t
n
e
r
r
u
C
e
c
r
u
o
S
P
M
O
C
V
B
F
V
,
V
8
.
0
=
P
M
O
C
V
5
.
1
=
0
2A
µ
t
n
e
r
r
u
C
k
n
i
S
P
M
O
C
V
B
F
V
,
V
2
.
1
=
P
M
O
C
V
5
.
1
=
0
2A
µ
n
i
a
G
t
n
e
r
r
u
C
h
c
ti
w
S
o
t
n
i
P
P
M
O
C
8V
/
A
d
l
o
h
s
e
r
h
T
g
n
i
h
c
ti
w
S
P
M
O
C
7
.
01
.
13
.
1V
e
g
a
tl
o
V
m
u
m
i
x
a
M
P
M
O
C
V
B
F
V
9
.
0
=
4
.
2V
y
c
n
e
u
q
e
r
F
g
n
i
h
c
ti
w
S
l
e
n
n
a
h
C
2
.
14
.
16
.
1z
H
M
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
)
3
e
t
o
N
(
0
80
9%
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
)
4
d
n
a
2
s
e
t
o
N
(
3
.
22
.
3A
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
h
c
ti
w
S
I
W
S
A
2
-
=
3
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
h
c
ti
w
S
0
1A
µ
e
g
a
tl
o
V
t
s
o
o
B
m
u
m
i
n
i
M
I
W
S
)
2
e
t
o
N
(
A
2
-
=
8
.
15
.
2V
t
n
e
r
r
u
C
n
i
P
t
s
o
o
B
I
W
S
A
5
.
0
-
=
0
2A
m
I
W
S
A
2
-
=
0
6A
m
ti
x
E
o
t
e
g
a
tl
o
V
t
r
a
t
S
-
tf
o
S
m
u
m
i
n
i
M
n
w
o
d
t
u
h
S
2
S
S
o
t
d
e
i
T
1
S
S2
.
04
.
07
.
0V
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
s
-
tf
o
S
V
S
S
V
0
=
2A
µ
V
S
S
V
5
.
1
=
8
.
1A
µ
t
n
e
r
r
u
C
g
n
i
g
r
a
h
c
s
i
D
t
r
a
t
s
-
tf
o
S
V
S
S
V
5
.
1
=
8
.
0A
µ
o
t
e
g
a
tl
o
V
t
r
a
t
s
-
tf
o
S
m
u
m
i
n
i
M
ff
o
t
u
h
S
d
a
o
lr
e
v
O
e
l
b
a
n
E
V
S
S
g
n
i
s
i
R2
V
d
l
o
h
s
e
r
h
T
d
a
o
lr
e
v
O
B
F
V
S
S
V
,
V
3
.
2
=
B
F
g
n
il
l
a
F
7
.
0V
t
r
a
t
s
e
R
o
t
e
g
a
tl
o
V
t
r
a
t
s
-
tf
o
S
ff
o
t
u
h
S
d
a
o
lr
e
v
O
r
e
tf
A
g
n
i
h
c
ti
w
S
V
S
S
g
n
il
l
a
F7
.
01
3
.
1V
1
B
F
w
o
l
e
B
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
V
1
B
F
g
n
i
s
i
R
0
80
0
10
2
1V
m
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
d
o
o
G
r
e
w
o
P
V
1
B
F
I
,
V
8
.
0
=
1
D
O
O
G
P
A
µ
0
5
2
=
2
.
04
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
n
i
P
d
o
o
G
r
e
w
o
P
V
1
D
O
O
G
P
V
5
=
1
.
01
A
µ
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
5
5
1C
°
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
1C
°
The maximum duty cycle specified corresponds to 1.4MHz switching frequency. Duty cycles higher than those specified can be achieved
by lowering the operating frequency.
Note 2: Guaranteed by design, not 100% tested in production.
Note 3:
Note 4: Switch current limit does not vary with duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com