Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2195 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation ATSAM2195 Datasheet HTML 10Page - ATMEL Corporation ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
6308A–DRMSD–10-May-07
ATSAM2195
5.
Absolute Maximum Ratings
All voltages with respect to 0V, GND=0V.
Table 5-1.
Absolute Maximum Ratings*
Temperature under bias.......................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or other conditions beyond those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reli-
ability.
Storage Temperature ............................... -65°C to +150°C
Voltage on any Input Pins
except X1......................................... -0.3V to +VD33+0.3V
Voltage on X1 .................................... -0.3V to VD18+0.3V
Supply voltage (I/O) (VD33)........................ -0.3V to +3.6V
Supply voltage (core) (VD18) ................... -0.3V to +1.95V
Supply voltage (DAC analog 3.3V)
(VA33)......................................................... -0.3V to +3.6V
Supply voltage (DAC analog 1.8V)
(VA18)....................................................... -0.3V to +1.95V
Maximum IOL per I/O pin........................................... 4 mA
Maximun IOH per I/O pin ........................................... 4 mA
Maximum Output current from PWROUT pin
(max duration = 1sec) (IPWRO) ............................ 650 mA
Maximum Output current from OUTVC18 pin
(max duration = 1sec) (IREGO) ............................. 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com