Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2195 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation ATSAM2195 Datasheet HTML 14Page - ATMEL Corporation ATSAM2195 Datasheet HTML 15Page - ATMEL Corporation ATSAM2195 Datasheet HTML 16Page - ATMEL Corporation ATSAM2195 Datasheet HTML 17Page - ATMEL Corporation ATSAM2195 Datasheet HTML 18Page - ATMEL Corporation ATSAM2195 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
6308A–DRMSD–10-May-07
ATSAM2195
8.
Dither Modes Description (Dithering Signal Programmability)
Dithering is used to attenuate the so-called idle tones caused by correlation between DAC input
signal and truncation noise. This correlation manifests as spurious signals in the audio band and
hence can be perceived by the user. The addition of a random digital signal to the truncator input
in the digital modulator has been proven to be very effective to reduce the presence of idle
tones. However, this is actually a noisy signal so that its power must be traded-off with the
required dynamic range. For better control, the ATSAM2195 allows programmability of the dith-
ering signal power as shown below.
dith[1:0]
Mode description
Comments
00
No dither
01
Dither signal power = -30dBFS
Minimum recommended dither.
10
Dither signal power = -27dBFS
Typical value
11
Dither signal power = -24dBFS
Maximum recommended value. Above it dither noise may
become dominant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com