Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2195 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation ATSAM2195 Datasheet HTML 10Page - ATMEL Corporation ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
6308A–DRMSD–10-May-07
ATSAM2195
Table 5-2.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Digital supply voltage: - OUTLEV = 1
- OUTLEV = 0
VD33
VD33
3
1.65
3.3
1.8
3.6
1.95
V
V
Digital supply voltage
VD18
1.65
1.8
1.95
V
Analog supply voltage: - OUTLEV = 1
- OUTLEV = 0
VA33
VA33
3
1.65
3.3
1.8
3.6
1.95
V
V
Analog supply voltage
VA18
1.65
1.8
1.95
V
Power switch supply
PWRIN
1.75
1.80
1.95
V
Regulator supply
REGIN
2.7
3.3
3.6
V
Power Switch output current
IPWRO
-
-
217
mA
OUTVC18 output current
IREGO
-
60
-
mA
Operating ambient temperature
tA
0
-
+70
°C
Table 5-3.
Digital Characteristics (TA=25°C, VD33=3.3V±10%, 1.65 V< VD18 < 1.95V)
Parameter
Symbol
Min
Typ
Max
Unit
Low level input voltage (Except X1)
VIL
-0.3
-
0.8
V
High level input voltage (Except X1)
VIH
2
-
3.6
V
Low level input voltage for X1
VIL
-0.3
-
0.3
V
High level input voltage for X1
VIH
1.2
-
VD18+0.3
V
Low level output voltage IOL=-2mA
VOL
-
-
0.4
V
High level output voltage IOH=2mA
VOH
VD33-0.4
-
-
V
Power consumption (crystal freq.=9.6MHz)
-
-
75
mW
Power down supply current (using power switch)
-
<1
µA
Drop down from PWRIN to PWROUT
(at IPWRO = 180mA)
-0.1
V
Voltage on OUTVC18 (at IREGO = 60mA)
VREGO
1.65
1.8
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com