Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45MDCKREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45MDCKREP
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45MDCKREP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1T45MDCKREP Datasheet HTML 1Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 2Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 3Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 4Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 5Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 6Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 7Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 8Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics
(1) (2)
SN74LVC1T45-EP
www.ti.com........................................................................................................................................................................................... SCES768 – NOVEMBER 2008
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–55°C to 125°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
VCCO
IOH = –100 µA
1.65 V to 4.5 V
1.65 V to 4.5 V
– 0.1
IOH = –4 mA
1.65 V
1.65 V
1.2
VOH
VI = VIH
V
IOH = –8 mA
2.3 V
2.3 V
1.9
IOH = –24 mA
3 V
3 V
2.4
IOH = –32 mA
4.5 V
4.5 V
3.8
IOL = 100 µA
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA
3 V
3 V
0.55
IOL = 32 mA
4.5 V
4.5 V
0.55
II
DIR
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
A port
0 V
0 to 5.5 V
±1
±6
Ioff
VI or VO = 0 to 5.5 V
µA
B port
0 to 5.5 V
0 V
±1
±6
A or B
IOZ
VO = VCCO or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±6
µA
port
1.65 V to 5.5 V
1.65 V to 5.5 V
4
ICCA
VI = VCCI or GND, IO = 0
5.5 V
0 V
2
µA
0 V
5.5 V
-4
1.65 V to 5.5 V
1.65 V to 5.5 V
4
ICCB
VI = VCCI or GND, IO = 0
5.5 V
0 V
-4
µA
0 V
5.5 V
2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
4
µA
(see Table 1)
A port at VCCA – 0.6 V,
A port
50
DIR at VCCA, B port = open
ΔICCA
3 V to 5.5 V
3 V to 5.5 V
µA
DIR at VCCA – 0.6 V,
DIR
B port = open,
50
A port at VCCA or GND
B port at VCCB – 0.6 V,
ΔICCB
B port
DIR at GND,
3 V to 5.5 V
3 V to 5.5 V
50
µA
A port = open
Ci
DIR
VI = VCCA or GND
3.3 V
3.3 V
2.5
pF
A or B
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
6
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC1T45-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com