Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45MDCKREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45MDCKREP
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45MDCKREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1T45MDCKREP Datasheet HTML 4Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 5Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 6Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 7Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 8Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 9Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 10Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 11Page - Texas Instruments SN74LVC1T45MDCKREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Power-Up Considerations
SN74LVC1T45-EP
SCES768 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
A proper power-up sequence always should be followed to avoid excessive supply current, bus contention,
oscillations, or other anomalies. To guard against such power-up problems, take the following precautions:
1. Connect ground before any supply voltage is applied.
2. Power up VCCA.
3. VCCB can be ramped up along with or after VCCA.
Table 1. Typical Total Static Power Consumption (ICCA + ICCB)
VCCA
VCCB
UNIT
0 V
1.8 V
2.5 V
3.3 V
5 V
0 V
0
<1
<1
<1
<1
1.8 V
<1
<2
<2
<2
2
2.5 V
<1
<2
<2
<2
<2
µA
3.3 V
<1
<2
<2
<2
<2
5 V
<1
2
<2
<2
<2
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com