Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1719CS8 Datasheet HTML 3Page - Linear Technology LT1719CS8 Datasheet HTML 4Page - Linear Technology LT1719CS8 Datasheet HTML 5Page - Linear Technology LT1719CS8 Datasheet HTML 6Page - Linear Technology LT1719CS8 Datasheet HTML 7Page - Linear Technology LT1719CS8 Datasheet HTML 8Page - Linear Technology LT1719CS8 Datasheet HTML 9Page - Linear Technology LT1719CS8 Datasheet HTML 10Page - Linear Technology LT1719CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1719
±VTRIP Test Circuit
+
–
–
+
DUT
LT1719
BANDWIDTH-LIMITED TRIANGLE WAVE
~ 1kHz, VCM ±7.5V
LTC203
1/2 LT1112
50
Ω
100k
100k
2.4k
10nF
1
µF
0.15
µF
1/2 LT1638
1/2 LT1638
100k
100k
200k
10k
10k
1000
× VHYST
1000
× VTRIP+
1000
× VTRIP–
1000
× VOS
0.1
µF
50
Ω
50k
VCM
VCC
+
–
1/2 LT1112
1719 TC01
10nF
1
µF
NOTES: LT1638, LT1112, LTC203s ARE POWERED FROM
±15V.
200k
Ω PULL-DOWN PROTECTS LTC203 LOGIC INPUTS
WHEN DUT IS NOT POWERED
15
3
2
14
16
9
1
8
10
6
7
11
LTC203
2
14
15
3
1
8
16
9
7
11
10
6
TEST CIRCUITS
Response Time Test Circuit
–
+
–3V
–100mV
1
8
7
6(6)
2
3
5
4
–5V
PULSE
IN
0V
0V
50
Ω
1N5711
400
Ω
130
Ω
25
Ω
50
Ω
+Vs – VCM
(V+ – VCM)
VCC – VCM
VEE – VCM
–VCM
50k
DUT
LT1719S8
25
Ω
0.1
µF
1719 TC02
10
× SCOPE PROBE
(CIN ≈ 10pF)
0.01
µF
0.01
µF
750
Ω
2N3866
V1*
*V1 = –1000 • (OVERDRIVE + VTRIP
+)
NOTE: RISING EDGE TEST SHOWN.
FOR FALLING EDGE, REVERSE LT1719 INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com