Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1719CS8 Datasheet HTML 1Page - Linear Technology LT1719CS8 Datasheet HTML 2Page - Linear Technology LT1719CS8 Datasheet HTML 3Page - Linear Technology LT1719CS8 Datasheet HTML 4Page - Linear Technology LT1719CS8 Datasheet HTML 5Page - Linear Technology LT1719CS8 Datasheet HTML 6Page - Linear Technology LT1719CS8 Datasheet HTML 7Page - Linear Technology LT1719CS8 Datasheet HTML 8Page - Linear Technology LT1719CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1719
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Supply Current
vs Supply Voltage
Quiescent Supply Current
vs Temperature
Input Current
vs Differential Input Voltage
Input Offset and Trip Voltages
vs Supply Voltage
Input Offset and Trip Voltages
vs Temperature
Input Common Mode Limits
vs Temperature
SUPPLY VOLTAGE, VCC = +VS OR V
+ (V)
2.5
3
2
1
0
–1
–2
–3
4.0
5.0
1719 G01
3.0
3.5
4.5
5.5
6.0
VTRIP
+
VOS
VTRIP
–
25
°C
VCM = 1V
VEE OR V
– = GND
TEMPERATURE (
°C)
–3
–1
1
3
–2
0
2
– 20
20
60
100
1719 G02
140
–40
– 60
0
40
80
120
VTRIP
+
VOS
VTRIP
–
+VS = VCC or V
+ = 5V
VCM = 1V
VEE OR V
– = GND
TEMPERATURE (
°C)
–50
0
3.8
4.2
25
75
1719 G03
– 0.2
– 5.0
–25
0
50
100
125
– 5.2
– 5.4
4.0
+VS = VCC OR V
+ = 5V
VEE = –5V (LT1719S8)
V – = GND (LT1719S6)
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
1719 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
25
°C
TEMPERATURE (
°C)
–50
100
1339 G05
050
10
8
6
4
2
0
–2
–4
–6
–25
25
75
125
VCC = +VS OR V
+ = 5V
VEE = GND
I+ (LT1719S6)
+IS (LT1719S8)
ICC (LT1719S8)
IEE (LT1719S8)
SUPPLY VOLTAGE, VCC = +VS OR V
+ (V)
0
2
6
5
4
3
2
1
0
–1
–2
–3
1719 G06
17
34
5
6
TA = 25°C
VEE = GND
I+ (LT1719S6)
IS (LT1719S8)
ICC (LT1719S8)
IEE (LT1719S8)
ELECTRICAL CHARACTERISTICS
Note 8: Because of internal hysteresis, there is no small-signal region
in which to measure gain. Proper operation of internal circuity is
ensured by measuring VOH and VOL with only 10mV of overdrive.
Note 9: Propagation delay measurements made with 100mV steps.
Overdrive is measured relative to VTRIP±.
Note 10: tPD cannot be measured in automatic handling equipment
with low values of overdrive. The LT1719 is 100% tested with a
100mV step and 20mV overdrive. Correlation tests have shown that
tPD limits can be guaranteed with this test, if additional DC tests are
performed to guarantee that all internal bias conditions are correct.
Note 11: Propagation Delay Skew is defined as:
tSKEW = |tPDLH – tPDHL|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com