Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1719CS8 Datasheet HTML 12Page - Linear Technology LT1719CS8 Datasheet HTML 13Page - Linear Technology LT1719CS8 Datasheet HTML 14Page - Linear Technology LT1719CS8 Datasheet HTML 15Page - Linear Technology LT1719CS8 Datasheet HTML 16Page - Linear Technology LT1719CS8 Datasheet HTML 17Page - Linear Technology LT1719CS8 Datasheet HTML 18Page - Linear Technology LT1719CS8 Datasheet HTML 19Page - Linear Technology LT1719CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LT1719
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
1.50 – 1.75
(.059 – .069)
(NOTE 3)
2.60 – 3.00
(.102 – .118)
.25 – .50
(.010 – .020)
(6PLCS, NOTE 2)
L
DATUM ‘A’
.09 – .20
(.004 – .008)
(NOTE 2)
A1
S6 SOT-23 0401
2.80 – 3.10
(.110 – .118)
(NOTE 3)
.95
(.037)
REF
A
A2
1.90
(.074)
REF
.20
(.008)
.90 – 1.45
(.035 – .057)
.00 – 0.15
(.00 – .006)
.90 – 1.30
(.035 – .051)
.35 – .55
(.014 – .021)
1.00 MAX
(.039 MAX)
A
A1
A2
L
.01 – .10
(.0004 – .004)
.80 – .90
(.031 – .035)
.30 – .50 REF
(.012 – .019 REF)
PIN ONE ID
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
4. DIMENSIONS ARE INCLUSIVE OF PLATING
5. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
6. MOLD FLASH SHALL NOT EXCEED .254mm
7. PACKAGE EIAJ REFERENCE IS:
SC-74A (EIAJ) FOR ORIGINAL
JEDEC MO-193 FOR THIN
SOT-23
(Original)
SOT-23
(ThinSOT)
S6 Package
6-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1634)
(Reference LTC DWG # 05-08-1636)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com