Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology LT1719CS6 Datasheet HTML 10Page - Linear Technology LT1719CS6 Datasheet HTML 11Page - Linear Technology LT1719CS6 Datasheet HTML 12Page - Linear Technology LT1719CS6 Datasheet HTML 13Page - Linear Technology LT1719CS6 Datasheet HTML 14Page - Linear Technology LT1719CS6 Datasheet HTML 15Page - Linear Technology LT1719CS6 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1719
APPLICATIONS INFORMATION
5V
5V
180
Ω
DO NOT USE FOR LT1719
LEVEL TRANSLATION. SEE TEXT
270
Ω
820
Ω
10KH/E
R2
+VS or V
+
R3
R1
10KH/E
100K/E
+VS OR V
+
5V OR 5.2V
4.5V
R1
510
Ω
620
Ω
R2
180
Ω
180
Ω
R3
750
Ω
510
Ω
(a) STANDARD TTL TO PECL TRANSLATOR
(b) LT1719 OUTPUT TO PECL TRANSLATOR
LSTTL
LT1719
R2
VECL
3V
R3
R4
R1
10KH/E
100K/E
VECL
5V OR 5.2V
4.5V
R1
300
Ω
330
Ω
R2
180
Ω
180
Ω
R3
OMIT
1500
Ω
(c) 3V LT1719 OUTPUT TO PECL TRANSLATOR
LT1719
R4
560
Ω
1000
Ω
R4
VECL
+VS or V
+
R3
1719 F06
R2
R1
ECL FAMILY
10KH/E
VECL
– 5.2V
R1
560
Ω
270
Ω
+VS OR V
+
5V
3V
R2
270
Ω
510
Ω
R3
330
Ω
300
Ω
(d) LT1719 OUTPUT TO STANDARD ECL TRANSLATOR
LT1719
R4
1200
Ω
330
Ω
100K/E
– 4.5V
680
Ω
330
Ω
5V
3V
270
Ω
390
Ω
300
Ω
270
Ω
1500
Ω
430
Ω
Figure 6
Interfacing the LT1719 to ECL
The LT1719 comparators can be used in high speed
applications where Emitter-Coupled Logic (ECL) is de-
ployed. To interface the output of the LT1719 to ECL logic
inputs, standard TTL/CMOS to ECL level translators such
as the 10H124, 10H424 and 100124 can be used. These
components come at a cost of a few nanoseconds addi-
tional delay as well as supply currents of 50mA or more,
and are only available in quads. A faster, simpler and lower
power translator can be constructed with resistors as
shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com