Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS6 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology LT1719CS6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1719
PIN FUNCTIONS
LT1719S8
VCC (Pin 1): Positive Supply Voltage for Input Stage.
+ IN (Pin 2): Noninverting Input of Comparator.
– IN (Pin 3): Inverting Input of Comparator.
VEE (Pin 4): Negative Supply Voltage for Input Stage and
Chip Substrate.
GND (Pin 5): Ground.
SHDN (Pin 6): Shutdown. Pull to ground to enable
comparator.
OUT (Pin 7): Output of Comparator.
+VS (Pin 8): Positive Supply Voltage for Output Stage.
LT1719S6
– IN (Pin 1): Inverting Input of Comparator.
V– (Pin 2): Negative Supply, usually Grounded.
+ IN (Pin3): Noninverting Input of Comparator.
V+ (Pin 4): Positive Supply Voltage.
OUT (Pin 5): Output of Comparator.
SHDN (Pin 6): Shutdown. Pull to ground to enable
comparator.
TEMPERATURE (
°C)
–50
500
600
700
25
75
1719 G15
400
300
–25
0
50
100
125
200
100
Wake-Up Delay
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
0.1
1
10
–50
25
50
75
100 125
–25
0
150
1719 G14
SHUTDOWN PIN OPEN
SHUTDOWN = +VS – 0.5V
+IS
+IS
SHUTDOWN
PIN
CURRENT
VCC = +VS = 5V
VEE = –5V
Shutdown Currents
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com