Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1719CS6 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 12Page - Linear Technology LT1719CS6 Datasheet HTML 13Page - Linear Technology LT1719CS6 Datasheet HTML 14Page - Linear Technology LT1719CS6 Datasheet HTML 15Page - Linear Technology LT1719CS6 Datasheet HTML 16Page - Linear Technology LT1719CS6 Datasheet HTML 17Page - Linear Technology LT1719CS6 Datasheet HTML 18Page - Linear Technology LT1719CS6 Datasheet HTML 19Page - Linear Technology LT1719CS6 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1719
APPLICATIONS INFORMATION
±VTRIP Test Circuit
The input trip points test circuit uses a 1kHz triangle wave
to repeatedly trip the comparator being tested. The LT1719
output is used to trigger switched capacitor sampling of
the triangle wave, with a sampler for each direction. Be-
cause the triangle wave is attenuated 1000:1 and fed to the
LT1719’s differential input, the sampled voltages are there-
fore 1000 times the input trip voltages. The hysteresis and
offset are computed from the trip points as shown.
Crystal Oscillator
A simple crystal oscillator using an LT1719 is shown on
the first page of this data sheet. The 2k-620
Ω resistor pair
set a bias point at the comparator’s noninverting input.
The 2k-1.8k-0.1
µF path sets the inverting input node at an
appropriate DC average level based on the output. The
crystal’s path provides resonant positive feedback and
stable oscillation occurs. Although the LT1719 will give
the correct logic output when one input is outside the
common mode range, additional delays may occur when
it is so operated, opening the possibility of spurious
operating modes. Therefore, the DC bias voltages at the
inputs are set near the center of the LT1719’s common
mode range and the 220
Ω resistor attenuates the feed-
back to the noninverting input. The circuit will operate with
any AT-cut crystal from 1MHz to 10MHz over a 2.7V to 6V
supply range. As the power is applied, the circuit remains
off until the LT1719 bias circuits activate, at a typical VCC
of 2V to 2.2V (25
°C), at which point the desired frequency
output is generated.
The output duty cycle of this circuit is roughly 50%, but it
is affected by resistor tolerances and to a lesser extent, by
comparator offsets and timings. If a 50% duty cycle is
required, the circuit of Figure 8 forces a 50% duty cycle.
Crystals are narrow-band elements, so the feedback to the
noninverting input is a filtered analog version of the square
wave output. Changing the noninverting reference level
can therefore vary the duty cycle. C1 operates as in the
previous example while A1 compares a band-limited ver-
sion of the output and biases C1’s negative input. C1’s only
degree of freedom to respond is variation of pulse width;
hence the output is forced to 50% duty cycle. Again, the
circuit operates from 2.7V to 6V. There is a slight duty
cycle dependence on comparator loading, so minimal
capacitive and resistive loading should be used in critical
applications.
–
+
–
+
C1
LT1719
A1
LT1636
VCC
2.7V TO 6V
2k
620
Ω
220
Ω
1MHz TO 10MHz
CRYSTAL (AT-CUT)
100k
200k
200k
1720 F07
1.8k
2k
1k
0.1
µF
0.1
µF
0.1
µF
OUTPUT
VCC
GROUND
CASE
Figure 8. Crystal Oscillator with a Forced 50% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com