Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1937 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology LT1937 Datasheet HTML 10Page - Linear Technology LT1937 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1937
1937f
APPLICATIO S I FOR ATIO
2. Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The dimming control using a DC voltage is shown in
Figure 7. As the DC voltage increases, the voltage drop on
R2 increases and the voltage drop on R1 decreases. Thus,
the LED current decreases. The selection of R2 and R3 will
make the current from the variable DC source much
smaller than the LED current and much larger than the FB
pin bias current. For VDC range from 0V to 2V, the selection
of resistors in Figure 7 gives dimming control of LED
current from 0mA to 15mA.
3. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjust-
able DC voltage. It can be used to replace the variable DC
voltage source in dimming control. The circuit is shown in
Figure 8.
Figure 7. Dimming Control Using a DC Voltage
Figure 8. Dimming Control Using a Filtered PWM Signal
Figure 9. Dimming Control Using a Logic Signal
VIN = 3.6V
50
µs/DIV
1937 F09
THREE LEDs
15mA
FB
100mV/DIV
SHDN
2V/DIV
IIN
100mA/DIV
Figure 10. Start-Up Waveforms Without Soft-Startup Circuit
4. Using a Logic Signal
For applications that need to adjust the LED current in
discrete steps, a logic signal can be used as shown in
Figure 9. R1 sets the minimum LED current (when the
NMOS is off). RINC sets how much the LED current
increases when the NMOS is turned on. The selection of
R1 and RINC follows formula (1) and Table 4.
Start-up and Inrush Current
To achieve minimum start-up delay, no internal soft-start
circuit is included in LT1937. When first turned on without
an external soft-start circuit, inrush current is about 200mA
as shown in Figure 10. If soft-start is desired, the recom-
mended circuit and the waveforms are shown in Figure 11.
If both soft-start and dimming are used, a 10kHz PWM
signal on SHDN is not recommended. Use a lower fre-
quency or implement dimming through the FB pin as
shown in Figures 7, 8 or 9.
VDC
R2
5k
R1
6.3
1937 F07
R3
90k
LT1937
FB
PWM
R2
5k
R1
6.3
0.1
µF
1937 F08
R3
90k
10k
LT1937
FB
LOGIC
SIGNAL
2N7002
R1
1937 F09
RINC
LT1937
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com