Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1937 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology LT1937 Datasheet HTML 10Page - Linear Technology LT1937 Datasheet HTML 11Page - Linear Technology LT1937 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1937
1937f
TYPICAL APPLICATIO S
Li-Ion to Two White LEDs
Two LED Efficiency
VIN
SW
LT1937
L
22
µH
COUT
1
µF
CIN
1
µF
CIN: TAIYO YUDEN JMK107BJ105
COUT: AVX 0603ZD105
D: CENTRAL CMDSH2-3
L: MURATA LQH3C220
1937 TA05a
VIN
3V TO 5V
SHDN
R1
2
5k
90k
FB
D
VDC
DIMMING
GND
LED CURRENT (mA)
0
78
80
82
40
1937 TA05a
76
74
70
10
20
30
72
86
84
VIN = 3.6V
VIN = 3V
VIN
SW
LT1937
L
22
µH
COUT
0.22
µF
CIN
1
µF
CIN: TAIYO YUDEN JMK107BJ105
COUT: AVX 0603YD224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
1937 TA01a
VIN
3V TO 5V
SHDN
R1
4
5k
90k
FB
D
VDC
DIMMING
GND
LED CURRENT (mA)
0
60
65
70
75
80
85
90
VIN = 3V
510
15
20
1937 TA01b
VIN = 3.6V
Li-Ion to Three White LEDs
Three LED Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com