Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1937 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1937
Description  White LED Step-Up Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 1 Page - Linear Technology

  LT1937 Datasheet HTML 1Page - Linear Technology LT1937 Datasheet HTML 2Page - Linear Technology LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1937
1937f
White LED
Step-Up Converter in
SC70 and ThinSOT
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1937 is a step-up DC/DC converter specifically
designed to drive white LEDs with a constant current. The
device can drive two, three or four LEDs in series from a
Li-Ion cell. Series connection of the LEDs provides iden-
tical LED currents resulting in uniform brightness and
eliminating the need for ballast resistors. The LT1937
switches at 1.2MHz, allowing the use of tiny external
components. The output capacitor can be as small as
0.22
µF, saving space and cost versus alternative solu-
tions. A low 95mV feedback voltage minimizes power loss
in the current setting resistor for better efficiency.
The LT1937 is available in low profile SC70 and ThinSOT
packages.
s
Inherently Matched LED Current
s
High Efficiency: 84% Typical
s
Drives Up to Four LEDs from a 3.2V Supply
s
Drives Up to Six LEDs from a 5V Supply
s
36V Rugged Bipolar Switch
s
Fast 1.2MHz Switching Frequency
s
Uses Tiny 1mm Tall Inductors
s
Requires Only 0.22
µF Output Capacitor
s
Low Profile SC70 and ThinSOT
TM Packaging
s
Cellular Phones
s
PDAs, Handheld Computers
s
Digital Cameras
s
MP3 Players
s
GPS Receivers
ThinSOT is a trademark of Linear Technology Corporation.
LED CURRENT (mA)
0
60
65
70
75
80
85
90
VIN = 3V
510
15
20
1937 TA01b
VIN = 3.6V
Figure 1. Li-Ion Powered Driver for Three White LEDs
Conversion Efficiency
VIN
SW
LT1937
L1
22
µH
C1
1
µF
C2
0.22
µF
15mA
1937 F01a
VIN
3V TO 5V
OFF ON
SHDN
R1
6.34
C1, C2: X5R OR X7R DIELECTRIC
D1: CENTRAL SEMICONDUCTOR CMDSH-3
L1: MURATA LQH3C-220 OR EQUIVALENT
FB
LED 3
LED 2
LED 1
D1
GND
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1937

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1937 LINER-LT1937 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1937 LINER-LT1937 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT1937 LINER-LT1937 Datasheet
368Kb / 12P
White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
White LED Step-Up Converter in SC70 and ThinSOT
More results

Similar Description - LT1937

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
logo
Linear Technology
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
White LED Step-Up Converter in SC70 and ThinSOT
LT3460 LINER-LT3460_15 Datasheet
207Kb / 12P
1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460-1 LINER-LT3460-1_15 Datasheet
207Kb / 12P
1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com