Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC682 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC682
Description  INVERTING VOLTAGE DOUBLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC682 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC682 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-26
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS (FOSC = 12kHz)
VIN (V)
LOAD CURRENT (mA)
240
220
200
180
140
160
120
12
3
4
5
0
51015
6
Output Resistance vs. VIN
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
VOUT vs. Load Current
V
IN (V)
300
250
200
150
50
100
12
3
4
56
Supply Current vs. VIN
VIN = 5V
C1– C3 = 3.3
µF
TEMPERATURE (
°C)
–50
0
50
100
200
180
160
140
120
100
80
Output Source Resistance vs. Temperature
VIN = 5V
IOUT = 10mA
NO LOAD
VIN = 5V
OUTPUT CURRENT (mA)
200
150
100
50
0
0
5
15
10
20
Output Ripple vs. Output Current
C3 =100
µF
C3 =10
µF
TC682
INVERTING VOLTAGE DOUBLER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com