Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC682 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC682
Description  INVERTING VOLTAGE DOUBLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC682 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC682 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-24
TELCOM SEMICONDUCTOR, INC.
TC682
INVERTING VOLTAGE DOUBLER
Capacitor Selection
The output resistance of the TC682 is determined, in
part, by the ESR of the capacitors used. An expression for
ROUT is derived as shown below:
ROUT = 2(RSW1 + RSW2 + ESRC1 + RSW3 + RSW4 + ESRC2)
+2(RSW1 + RSW2 + ESRC1 + RSW3 + RSW4 + ESRC2)
+1/(fPUMP x C1) +1/(fPUMP x C2)
+ESRC3
Assuming all switch resistances are approximately
equal...
ROUT = 16RSW + 4ESRC1 + 4ESRC2 + ESRC3
+1/(fPUMP x C1) +1/(fPUMP x C2)
ROUT is typically 140Ω at +25°C with VIN = +5V and
3.3
µF low ESR capacitors. The fixed term (16RSW) is about
80-90
Ω. It can be seen easily that increasing or decreasing
values of C1 and C2 will affect efficiency by changing ROUT.
However, be careful about ESR. This term can quickly
become dominant with large electrolytic capacitors. Table 1
shows ROUT for various values of C1 and C2 (assume 0.5Ω
ESR). C1 must be rated at 6VDC or greater while C2 and C3
must be rated at 12VDC or greater.
Output voltage ripple is affected by C3. Typically the
larger the value of C3 the less the ripple for a given load
current. The formula for P-P VRIPPLE is given below:
VRIPPLE = {1/[2(fPUMP x C3)] + 2(ESRC3)} (IOUT)
For a 10
µF (0.5Ω ESR) capacitor for C3, fPUMP = 10kHz
and IOUT = 10mA the peak-to-peak ripple voltage at the
output will be less then 60mV. In most applications (IOUT <
= 10mA) a 10-20
µF capacitor and 1-5µF pump capacitors
will suffice. Table 2 shows VRIPPLE for different values of C3
(assume 1
Ω ESR).
Table 1. ROUT vs. C1, C2
C1, C2 (
µF)
ROUT (
Ω)
0.05
4085
0.10
2084
0.47
510
1.00
285
3.30
145
5.00
125
10.00
105
22.00
94
100.00
87
Table 2. VRIPPLE Peak- to-Peak vs. C3 (IOUT = 10mA)
C3 (
µF)
VRIPPLE (mV)
0.50
1020
1.00
520
3.30
172
5.00
120
10.00
70
22.00
43
100.00
25
Paralleling Devices
Paralleling multiple TC682s reduces the output resis-
tance of the converter. The effective output resistance is the
output resistance of a single device divided by the number
of devices. As illustrated in Figure 5, each requires separate
pump capacitors C1 and C2, but all can share a single
reservoir capacitor.
–5V Regulated Supply From A Single
3V Battery
Figure 6 shows a – 5V power supply using one 3V
battery. The TC682 provides – 6V at V
–
OUT, which is regu-
lated to – 5V by the negative LDO. The input to the TC682
can vary from 3V to 5.5V without affecting regulation appre-
ciably. A TC54 device is connected to the battery to detect
undervoltage. This unit is set to detect at 2.7V. With higher
input voltage, more current can be drawn from the outputs
of the TC682. With 5V at VIN, 10mA can be drawn from the
regulated output. Assuming 150
Ω source resistance for the
converter, with IL
–= 10mA, the charge pump will droop 1.5V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com