Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC682 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC682
Description  INVERTING VOLTAGE DOUBLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC682 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC682 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC682 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-21
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
INVERTING VOLTAGE DOUBLER
FEATURES
s
99.9% Voltage Conversion Efficiency
s
92% Power Conversion Efficiency
s
Wide Input Voltage Range ............... +2.4V to +5.5V
s
Only 3 External Capacitors Required
s
185
µA Supply Current
s
Space-Saving 8-Pin SOIC and 8-Pin Plastic DIP
Packages
APPLICATIONS
s
– 10V from +5V Logic Supply
s
– 6V from a Single 3V Lithium Cell
s
Portable Handheld Instruments
s
Cellular Phones
s
LCD Display Bias Generator
s
Panel Meters
s
Operational Amplifier Power Supplies
GENERAL DESCRIPTION
The TC682 is a CMOS charge pump converter that
provides an inverted doubled output from a single positive
supply. An on-board 12kHz (typical) oscillator provides the
clock and only 3 external capacitors are required for full
circuit implementation.
Low output source impedance (typically 140
Ω), pro-
vides output current up to 10mA. The TC682 features low
quiescent current and high efficiency, making it the ideal
choice for a wide variety of applications that require a
negative voltage derived from a single positive supply (for
example: generation of – 6V from a 3V lithium cell or – 10V
generated from a +5V logic supply).
The minimum external parts count and small physical
size of the TC682 make it useful in many medium-current,
dual voltage analog power supplies.
TC682
PIN CONFIGURATIONS
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC682COA
8-Pin SOIC
0
°C to +70°C
TC682CPA
8-Pin Plastic DIP
0
°C to +70°C
TC682EOA
8-Pin SOIC
– 40
°C to +85°C
TC682EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660EV
Evaluation Kit for
Charge Pump Family
GND
+
–
+
–
+
GND
C2
+
C2
–
C1
+
C1
C2
C1
–
VIN
VIN
VOUT
VOUT
IN
V
= – (2 x V
)
OUT
All Caps = 3.3
µF
COUT
TC682
+2.4V < VIN < +5.5V
TC682-2 8/21/96
TYPICAL OPERATING CIRCUIT
18
27
36
45
TC682CPA
TC682EPA
GND
VOUT
C2
–
C1
–
C2
+
C1
+
NC
NC
VIN
18
27
36
45
TC682COA
TC682EOA
GND
VOUT
C2
–
C1
–
C2
+
C1
+
VIN
8-Pin DIP
8-Pin SOIC
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC682 MICROCHIP-TC682 Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC682COA MICROCHIP-TC682COA Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC682COA MICROCHIP-TC682COA Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
TC682CPA MICROCHIP-TC682CPA Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC682CPA MICROCHIP-TC682CPA Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
More results

Similar Description - TC682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
92Kb / 8P
Ultra-Low Power Inverting Voltage Doubler
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC682 MICROCHIP-TC682 Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682_05 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com