Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC7129CPL
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7129CPL Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC7129CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3-237
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7129
4-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTER WITH ON-CHIP LCD DRIVERS
Integrating Capacitor (CINT)
The charge stored in the integrating capacitor during
the integrate phase is directly proportional to the input
voltage. The primary selection criterion for CINT is to choose
a value that gives the highest voltage swing while remain-
ing within the high-linearity portion of the integrator output
range. An integrator swing of 2V is the recommended
value. The capacitor value can be calculated from the
equation:
CINT =
,
where tINT is the integration time.
Using the values derived above (assuming 60 Hz
operation), the equation becomes:
CINT =
= 0.1
µF.
The capacitor should have low dielectric absorption to
ensure good integration linearity. Polypropylene and Teflon
capacitors are usually suitable. A good measurement of the
dielectric absorption is to connect the reference capacitor
across the inputs by connecting:
Pin to Pin
20
→ 33
(CREF+ to IN HI)
30
→ 32
(CREF– to IN LO)
A reading between 10,000 and 9998 is acceptable;
anything lower indicates unacceptably high dielectric ab-
sorption.
Reference Capacitor (CREF)
The reference capacitor stores the reference voltage
during several phases of the measurement cycle. Low
leakage is the primary selection criterion for this component.
The value must be high enough to offset the effect of stray
capacitance at the capacitor terminals. A value of at least
1
µF is recommended.
Voltage Reference (DREF, RREF, RBIAS, CRF)
A TC04 band-gap reference provides a high-stability
voltage reference of 1.25V. The reference potentiometer
(RREF) provides an adjustment for adjusting the reference
voltage; any value above 20 k
Ω is adequate. The bias
resistor (RBIAS) limits the current through DREF to less than
150
µA. The reference filter capacitor (CRF) forms an RC
filter with RBIAS to help eliminate noise.
Input filter (RIF, CIF)
For added stability, an RC input noise filter is usually
included in the circuit. The input filter resistor value should
not exceed 100 k
Ω. A typical RC time constant value is
16.7msec to help reject line-frequency noise. The input filter
capacitor should have low leakage for a high-impedance
input.
Battery
The typical circuit uses a 9V battery as a power source.
Any value between 6V and 12V can be used. For operation
from batteries with voltages lower than 6V and for operation
from power supplies, see "Powering the TC7129."
SPECIAL APPLICATIONS
The TC7129 as a Replacement Part
The TC7129 is a direct pin-for-pin replacement part for
the ICL7129. Note, however, that part requires a capacitor
and resistor between pins 26 and 28 for phase compensa-
tion. Since the TC7129 uses internal phase compensation,
these parts are not required and, in fact, must be removed
from the circuit for stable operation.
Powering the TC7129
While the most common power source for the TC7129
is a 9V battery, there are other possibilities. Some of the
more common ones are explained below.
16.7msec x 13.3
µA
2V
tINT x IINT
VSWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com