Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7129CPL
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7129CPL Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7129CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3-238
TELCOM SEMICONDUCTOR, INC.
TC7129
4-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTER WITH ON-CHIP LCD DRIVERS
Figure 2.
Powering the TC7129 From a
±5V Power Supply
V–
V
+
REF HI
REF LO
IN HI
COM
IN LO
DGND
VIN
+
–
–5V
0.1 µF
+5V
0.1 µF
24
34
35
28
33
32
23
36
TC7129
TC04
0.1 µF
±5V Power Supply
Measurements are made with respect to power supply
ground. DGND (pin 36) is set internally to about 5V less than
V+ (pin 24); it is not intended as a power supply input and
must not be tied directly to power supply ground. (It can be
used as a reference for external logic, as explained in
"Connecting to External Logic." (See Figure 2.)
V–
TC7129
V
REF HI
REF LO
IN HI
COM
IN LO
DGND
3.8V
TO
6V
+
+
10 µF
+
8
2
4
10 µF
TC04
+
–
3
TC7660
VIN
5
24
+
34
35
28
33
32
23
36
Figure 3. Powering the TC7129 From a Low-Voltage Battery
V–
V
DGND
+
10 µF
+
8
2
4
10 µF
TC04
+
–
3
VIN
5
24
+
34
35
28
33
32
23
36
TC7660
V+
GND
0.1 µF
0.1 µF
+5V
TC7129
Figure 4. Powering the TC7129 From a +5V Power Supply
Low-Voltage Battery Source
A battery with voltage between 3.8V and 6V can be used
to power the TC7129 when used with a voltage-doubler
circuit as shown in Figure 3. The voltage doubler uses the
TC7660 DC-to-DC voltage converter and two external ca-
pacitors.
+5V Power Supply
Measurements are made with respect to power supply
ground. COMMON (pin 28) is connected to REF LO (pin 35).
A voltage doubler is needed, since the supply voltage is less
than the 6V minimum needed by the TC7129. DGND (pin
36) must be isolated from power supply ground.
(See Figure 4.)
Connecting to External Logic
External logic can be directly referenced to DGND (pin
36), provided that the supply current of the external logic
does not exceed the sink current of DGND (Figure 5). A safe
value for DGND sink current is 1.2 mA. If the sink current is
expected to exceed this value, a buffer is recommended.
(See Figure 6.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com