Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129CPL Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC7129CPL
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7129CPL Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC7129CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7129CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3-241
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
INTEGRATE
DEINTEGRATE
TIME
CLOCK PULSES
OVERSHOOT DUE TO ZERO CROSSING
BETWEEN CLOCK PULSES
INTEGRATOR RESIDUE VOLTAGE
OVERSHOOT CAUSED BY
COMPARATOR DELAY OF
1 CLOCK PULSE
Figure 10.
Accuracy Errors in Dual-Slope Conversion
Figure 11. Integrator Waveform
INT1
INTEGRATE
DE1
DEINTEGRATE
REST X10
ZERO
INTEGRATE
AND LATCH
DE2 REST X10
DE3
ZERO INTEGRATE
INTEGRATOR
RESIDUAL VOLTAGE
TC7129
NOTE: Shaded area greatly expanded
in time and amplitude.
Inside the TC7129
Figure 12 shows a simplified block diagram of the
TC7129.
Integrator Section
The integrator section includes the integrator, compara-
tor, input buffer amplifier, and analog switches used to
change the circuit configuration during the separate mea-
surement phases described earlier.
Digital Auto-Zeroing
To eliminate the effect of amplifier offset errors, the
TC7129 uses a digital auto-zeroing technique. After the
input voltage is measured as described above, the mea-
surement is repeated with the inputs shorted internally. The
reading with inputs shorted is a measurement of the internal
errors and is subtracted from the previous reading to obtain
a corrected measurement. Digital auto-zeroing eliminates
the need for an external auto-zeroing capacitor used in other
ADCs.
TC7129
4-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTER WITH ON-CHIP LCD DRIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com