Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126ACPL Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC7126ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126ACPL Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC7126ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3-226
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
Figure 5. Common-Mode Voltage Removed in Battery Operation With VIN = Analog Common
100
µA. This FET will hold the common line at 3V should an
external load attempt to pull the common line toward V+.
Analog common source current is limited to 1
µA. Therefore,
analog common is easily pulled to a more negative voltage
(i.e., below V+ – 3V).
The TC7126A connects the internal V
+
IN and V
–
IN in-
puts to analog common during the auto-zero phase. During
the reference-integrate phase, V–
IN is connected to analog
common. If V
+
IN is not externally connected to analog com-
mon, a common-mode voltage exists, but is rejected by the
converter's 86 dB common-mode rejection ratio. In battery
operation, analog common and V–
IN are usually connected,
removing common-mode voltage concerns. In systems where
V
–
IN is connected to power supply ground or to a given
voltage, analog common should be connected to V
–
IN.
The analog common pin serves to set the analog sec-
tion reference, or common point. The TC7126A is specifi-
cally designed to operate from a battery or in any measure-
ment system where input signals are not referenced (float)
with respect to the TC7126A's power source. The analog
common potential of V+ –3V gives a 7V end of battery life
voltage. The common potential has a 0.001%/% voltage
coefficient and a 15
Ω output impedance.
With sufficiently high total supply voltage (V+–V– >7V),
analog common is a very stable potential with excellent
temperature stability (typically 35 ppm/
°c). This potential
can be used to generate the TC7126A's reference voltage.
An external voltage reference will be unnecessary in most
cases because of the 35 ppm/
°C temperature coefficient.
See "TC7126A Internal Voltage Reference" discussion.
TEST (Pin 37)
The TEST pin potential is 5V less than V+. TEST may be
used as the negative power supply connection for external
CMOS logic. The TEST pin is tied to the internally-generated
negative logic supply through a 500
Ω resistor. The TEST pin
load should not be more than 1 mA. See "Digital Section" for
additional information on using TEST as a negative digital
logic supply.
If TEST is pulled HIGH (to V+), all segments plus the
minus sign will be activated. DO NOT OPERATE IN THIS
MODE FOR MORE THAN SEVERAL MINUTES. With
TEST= V+, the LCD segments are impressed with a DC
voltage which will destroy the LCD.
TC7126A Internal Voltage Reference
The TC7126A's analog common voltage temperature
stability has been significantly improved (Figure 7). The "A"
version of the industry-standard TC7126 device allows
users to upgrade old systems and design new systems
without external voltage references. External R and C val-
ues do not need to be changed. Figure 10 shows analog
common supplying the necessary voltage reference for the
TC7126A.
VBUFF
CAZ VINT
BP
POL
SEGMENT
DRIVE
OSC1
OSC3
OSC2
V
–
V
+
VREF
+
VREF
–
ANALOG
COMMON
V
–
V
+
V
–
V
+
GND
GND
MEASURED
SYSTEM
POWER
SOURCE
9V
LCD
TC7126A
+
V
–
V
+
IN
IN
Figure 6. Common-Mode Voltage Reduces Available Integrator
Swing (VCOM
≠ V
IN)
RI
+
–
VIN
V
C I
INTEGRATOR
VI =
[
[
VCM
VIN
–
INPUT
BUFFER
CI =
=
RI
Integration capacitor
Integration resistor
4000
f
Integration time
T I ==
Where:
VI
CM
OSC
–
+
–
+
TI
RI CI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com