Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126ACPL Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC7126ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126ACPL Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC7126ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
3-228
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
8
14
7
13
12
11
10
9
1
2
3
4
5
6
TC7126A
9V
VIN
9 M
Ω
900 k
Ω
90 k
Ω
10 k
Ω
2V
20V
200V
200 mV
1N4148
10 M
Ω
1 M
Ω
0.02
µF
1 M
Ω 10%
47 k
Ω
1W
10%
20 k
Ω
10%
6.8 µF
1 µF
COM
C1 = 3 pF TO 10 pF, VARIABLE
C2 = 132 pF, VARIABLE
+
+
AD636
2.2
µF
0.01
µF
10 k
Ω
240 k
Ω
SEGMENT
DRIVE
LCD
39
40
28
27
38
29
26
1
35
32
31
30
26
36
BP
V
+
V
–
V
+
REF
V
–
REF
ANALOG
COMMON
V
+
IN
V
+
OUT
V
–
C1
C2
Figure 9. Decimal Point and Annunciator Drives
Figure 11. 3-1/2 Digit True RMS AC DMM
VREF
+
VREF
–
VIN
+
VIN
–
ANALOG
COMMON
TC7126A
LCD
RSTANDARD
RUNKNOWN
V
+
TC7126A
DECIMAL
POINT
SELECT
V
+
V
+
TEST
GND
4030
TO LCD
DECIMAL
POINTS
BP
TC7126A
BP
TEST
37
21
V+
V+
GND
TO LCD
DECIMAL
POINT
TO
BACKPLANE
4049
Multiple Decimal Point or
Annunciator Driver
Simple Inverter for Fixed Decimal Point
or Display Annunciator
Figure 10. Low Parts Count Ratiometric Resistance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com