Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126ACPL Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC7126ACPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126ACPL Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC7126ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7126ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3-227
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
TYPICAL
GUARANTEED
MAXIMUM
TYPICAL
TYPICAL
200
180
160
140
120
100
80
60
40
20
0
TC7126A
ICL7136
NO
MAXIMUM
SPECIFIED
NO
MAXIMUM
SPECIFIED
ICL7126
Figure 8. TC7126A Internal Voltage Reference Connection
Figure 7. Analog Common Temperature Coefficient
APPLICATIONS INFORMATION
Liquid Crystal Display Sources
Several manufacturers supply standard LCDs to inter-
face with the TC7126A 3-1/2 digit analog-to-digital con-
verter.
Decimal Point and Annunciator Drive
The TEST pin is connected to the internally-generated
digital logic supply ground through a 500
Ω resistor. The
TEST pin may be used as the negative supply for external
CMOS gate segment drivers. LCD annunciators for decimal
points, low battery indication, or function indication may be
added without adding an additional supply. No more than 1
mA should be supplied by the TEST pin: its potential is
approximately 5V below V+.
Flat Package
The TC7126A is available in an epoxy 64-pin formed-
lead flat package. A test socket for the TC7126ACBQ device
is available:
Part No.
IC 51-42
Manufacturer: Yamaichi
Distribution:
Nepenthe Distribution
2471 East Bayshore
Suite 520
Palo Alto, CA 94043
(415) 856-9332
Ratiometric Resistance Measurements
The TC7126A's true differential input and differential
reference make ratiometric readings possible. In ratiometric
operation, an unknown resistance is measured with respect
to a known standard resistance. No accurately-defined
reference voltage is needed.
The unknown resistance is put in series with a known
standard and a current passed through the pair. The voltage
developed across the unknown is applied to the input and
the voltage across the known resistor applied to the refer-
ence input. If the unknown equals the standard, the display
will read 1000. The displayed reading can be determined
from the following expression:
Displayed reading =
1000.
The display will overrange for RUNKNOWN ≥
2
RSTANDARD.
RUNKNOWN
RSTANDARD
V
–
ANALOG
COMMON
TC7126A
VREF
+
32
35
36
26
240 k
Ω
10 k
Ω
VREF
–
VREF
1
+
9V
SET VREF = 1/2 VFULL SCALE
V
+
Representative
Manufacturer
Address/Phone
Part Numbers*
Crystaloid
5282 Hudson Dr.,
C5335, H5535,
Electronics
Hudson, OH 44236
T5135, SX440
216-655-2429
AND
720 Palomar Avenue
FE 0801,
Sunnyvale, CA 94086
FE 0203
408-523-8200
VGI, Inc.
1800 Vernon St., Ste. 2
I1048, I1126
Roseville, CA 95678
916-783-7878
Hamlin, Inc.
612 E. Lake St.,
3902, 3933, 3903
Lake Mills, WI 53551
414-648-2361
*NOTE: Contact LCD manufacturer for full product listing/specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com