Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3080EDD-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3080EDD-1
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EDD-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3080EDD-1 Datasheet HTML 3Page - Linear Technology LT3080EDD-1 Datasheet HTML 4Page - Linear Technology LT3080EDD-1 Datasheet HTML 5Page - Linear Technology LT3080EDD-1 Datasheet HTML 6Page - Linear Technology LT3080EDD-1 Datasheet HTML 7Page - Linear Technology LT3080EDD-1 Datasheet HTML 8Page - Linear Technology LT3080EDD-1 Datasheet HTML 9Page - Linear Technology LT3080EDD-1 Datasheet HTML 10Page - Linear Technology LT3080EDD-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3080-1
7
30801fa
Output Voltage Noise
Error Amplifier Gain and Phase
FREQUENCY (Hz)
–30
–10
20
10k
100k
100
10
1k
1M
30801 G28
–20
0
10
–15
15
–25
–5
5
–200
0
300
–100
100
200
–50
250
–150
50
150
IL = 1.1A
IL = 100mA
IL = 100mA
IL = 1.1A
VCONTROL (Pin 5/Pin 5): This pin is the supply pin for
the control circuitry of the device. The current flow into
this pin is about 1.7% of the output current. For the
device to regulate, this voltage must be more than 1.2V
to 1.35V greater than the output voltage (see Dropout
specifications).
IN (Pins 7, 8/Pins 7, 8): This is the collector to the power
device of the LT3080-1. The output load current is supplied
through this pin. For the device to regulate, the voltage at
this pin must be more than 0.1V to 0.5V greater than the
output voltage (see Dropout specifications).
NC (Pin 6/Pin 6): No Connection. No Connect pins have
no connection to internal circuitry and may be tied to VIN,
VCONTROL, VOUT, GND, or floated.
OUT (Pins 1-3/Pins 1-3): This is the power output of the
device. There must be a minimum load current of 1mA
or the output may not regulate.
SET (Pin 4/Pin 4): This pin is the input to the error
amplifier and the regulation set point for the device. A
fixed current of 10μA flows out of this pin through a single
external resistor, which programs the output voltage of
the device. Output voltage range is zero to the absolute
maximum rated output voltage. Transient performance
can be improved by adding a small capacitor from the
SET pin to ground.
Exposed Pad (Pin 9/Pin 9): OUT on MS8E and DFN
packages.
(DD/MS8E)
VOUT
100μV/DIV
TIME 1ms/DIV
30801 G27
VOUT = 1V
RSET = 100k
CSET = O.1μF
COUT = 10μF
ILOAD = 1.1A
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com