Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3080EDD-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3080EDD-1
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EDD-1 Datasheet(HTML) 1 Page - Linear Technology

  LT3080EDD-1 Datasheet HTML 1Page - Linear Technology LT3080EDD-1 Datasheet HTML 2Page - Linear Technology LT3080EDD-1 Datasheet HTML 3Page - Linear Technology LT3080EDD-1 Datasheet HTML 4Page - Linear Technology LT3080EDD-1 Datasheet HTML 5Page - Linear Technology LT3080EDD-1 Datasheet HTML 6Page - Linear Technology LT3080EDD-1 Datasheet HTML 7Page - Linear Technology LT3080EDD-1 Datasheet HTML 8Page - Linear Technology LT3080EDD-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3080-1
1
30801fa
+
–
LT3080-1
IN
VIN
4.8V TO 28V
VCONTROL
OUT*
25mΩ
10μF
VOUT
3.3V
2.2A
*OUTPUTS CAN BE
DIRECTLY MOUNTED
TO POWER PLANE
30801 TA01
165k
SET
1μF
+
–
LT3080-1
IN
VCONTROL
OUT*
25mΩ
SET
TYPICAL APPLICATION
n High Current All Surface Mount Supply
n High Efficiency Linear Regulator
n Post Regulator for Switching Supplies
n Low Parts Count Variable Voltage Supply
n Low Output Voltage Power Supplies
APPLICATIONS
n Internal Ballast Resistor Permits Direct
Connection to Power Plane for Higher Current
and Heat Spreading
n Output Current: 1.1A
n Single Resistor Programs Output Voltage
n 1% Initial Accuracy of SET Pin Current
n Output Adjustable to 0V
n Low Output Noise: 40μVRMS (10Hz to 100kHz)
n Wide Input Voltage Range: 1.2V to 36V
n Low Dropout Voltage: 350mV
n <0.001%/ V Line Regulation
n Minimum Load Current: 0.5mA
n Stable with 2.2μF Minimum Ceramic Output Capacitor
n Current Limit with Foldback and Overtemperature
Protected
n Available in 8-Lead MSOP and 3mm × 3mm DFN
FEATURES
DESCRIPTION
Parallelable 1.1A
Adjustable Single Resistor
Low Dropout Regulator
The LT®3080-1 is a 1.1A low dropout linear regulator that
incorporates an internal ballast resistor to allow direct
paralleling of devices without the need for PC board trace
resistors. The internal ballast resistor allows multiple
devices to be paralleled directly on a surface mount
board for higher output current and power dissipation
while keeping board layout simple and easy. The device
brings out the collector of the pass transistor to allow low
dropout operation—down to 350mV—when used with
multiple input supplies.
The LT3080-1 is capable of supplying a wide output volt-
age range. A reference current through a single resistor
programs the output voltage to any level between zero
and 36V. The LT3080-1 is stable with 2.2μF of ceramic
capacitance on the output, not requiring additional ESR
as is common with other regulators.
Internal protection includes current limiting and thermal
limiting. The LT3080-1 regulator is offered in the 8-
lead MSOP (with an Exposed Pad for better thermal
characteristics) and 3mm × 3mm DFN packages.
Paralleling Regulators
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Offset Voltage Distribution
VOS DISTRIBUTION (mV)
2
30801 TA01b
–1
0
1
–2
N = 13250


Similar Part No. - LT3080EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080EDD-PBF LINER-LT3080EDD-PBF Datasheet
289Kb / 26P
Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EDD-TR LINER-LT3080EDD-TR Datasheet
289Kb / 26P
Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EDD-TRPBF LINER-LT3080EDD-TRPBF Datasheet
289Kb / 26P
Adjustable1.1A Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080EDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com