Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3080EDD-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3080EDD-1
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EDD-1 Datasheet(HTML) 4 Page - Linear Technology

  LT3080EDD-1 Datasheet HTML 1Page - Linear Technology LT3080EDD-1 Datasheet HTML 2Page - Linear Technology LT3080EDD-1 Datasheet HTML 3Page - Linear Technology LT3080EDD-1 Datasheet HTML 4Page - Linear Technology LT3080EDD-1 Datasheet HTML 5Page - Linear Technology LT3080EDD-1 Datasheet HTML 6Page - Linear Technology LT3080EDD-1 Datasheet HTML 7Page - Linear Technology LT3080EDD-1 Datasheet HTML 8Page - Linear Technology LT3080EDD-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3080-1
4
30801fa
INPUT-TO-OUTPUT VOLTAGE (V)
0
– 0.25
0
0.25
18
30
30801 G05
– 0.50
– 0.75
–1.00
612
24
0.50
0.75
1.00
36*
ILOAD = 1mA
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
Set Pin Current
Set Pin Current Distribution
Offset Voltage (VOUT – VSET)
Offset Voltage
Dropout Voltage
(Minimum IN Voltage)
TEMPERATURE (°C)
–50
10.00
10.10
150
30801 G01
9.90
9.80
0
50
100
–25
25
75
125
10.20
9.95
10.05
9.85
10.15
SET PIN CURRENT DISTRIBUTION (μA)
10.20
30801 G02
9.90
10.00
10.10
9.80
N = 13792
TEMPERATURE (°C)
–50
0
1.0
150
30801 G03
–1.0
–2.0
0
50
100
–25
25
75
125
2.0
– 0.5
0.5
–1.5
1.5
IL = 1mA
VOS DISTRIBUTION (mV)
2
30801 G04
–1
0
1
–2
N = 13250
TEMPERATURE (°C)
–50
0.4
0.6
150
30801 G08
0.2
0
0
50
100
–25
25
75
125
0.8
0.3
0.5
0.1
0.7
VIN, CONTROL – VOUT = 36V*
VIN, CONTROL – VOUT = 1.5V
*SEE NOTE 9 IN ELECTRICAL
CHARACTERISTICS TABLE
OUTPUT CURRENT (A)
0
150
200
250
0.6
1.0
30801 G09
100
50
0
0.2
0.4
0.8
300
350
400
1.2
TJ = 25°C
TJ = 125°C
Offset Voltage
Offset Voltage Distribution
Minimum Load Current
Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
–30
–25
–20
0.6
1.0
30801 G06
–35
–40
–45
0.2
0.4
0.8
–10
0
–15
–5
5
1.2
TJ = 25°C
TJ = 125°C
TEMPERATURE (°C)
–50
–20
–10
150
30801 G07
–30
–50
0
50
100
–25
25
75
125
0
–25
–15
–35
–40
–45
–5
40
60
20
–20
–10
0
80
30
50
10
70
ΔILOAD = 1mA TO 1.1A
VIN – VOUT = 2V
CHANGE IN REFERENCE CURRENT
CHANGE IN OFFSET VOLTAGE
(VOUT – VSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com