Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3513 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3513 Datasheet HTML 5Page - Linear Technology LT3513 Datasheet HTML 6Page - Linear Technology LT3513 Datasheet HTML 7Page - Linear Technology LT3513 Datasheet HTML 8Page - Linear Technology LT3513 Datasheet HTML 9Page - Linear Technology LT3513 Datasheet HTML 10Page - Linear Technology LT3513 Datasheet HTML 11Page - Linear Technology LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3513
9
3513fa
SENSE+ (Pin 31) Positive Current Sense Input. This pin
(along with the SENSE– pin) is used to sense the inductor
current for the buck switching regulator.
FB1 (Pin 32): Feedback Pin. Tie the resistor divider tap
to this pin and set VLOGIC according to VLOGIC = 1.23V •
(1 + R1/R2). Reference designators refer to Figure 2.
SW1 (Pins 34, 35): Switch Node. The SW1 pins are the
emitter of the internal NPN bipolar power transistor for
switching regulator 1. These points must be tied together
for proper operation. Connect these pins to the inductor,
catch diode and boost capacitor.
VIN (Pins 36, 37): Input Voltage. This pin supplies current
to the internal circuitry of the LT3513. This pin must be
locally bypassed with a capacitor.
UVLO (Pin 38): Undervoltage Lockout. A resistor divider
connected to VIN is tied to this pin to program the minimum
input voltage at which the LT3513 will operate. This pin is
compared to the internal 1.25V reference. When UVLO is
less than 1.25V, the switching regulators are not allowed
to operate (the RUN/SS pins are still used to turn on each
switching regulator). When this pin falls below 1.25V,
3.9μA will be pulled from the pin to provide programmable
hysteresis for UVLO.
Exposed Pad (Pin 39): Ground. The Exposed Pad of the
package provides both electrical contact to ground and
good thermal contact to the printed circuit board. The
Exposed Pad must be soldered to the circuit board for
proper operation.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com