Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3513 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology LT3513 Datasheet HTML 14Page - Linear Technology LT3513 Datasheet HTML 15Page - Linear Technology LT3513 Datasheet HTML 16Page - Linear Technology LT3513 Datasheet HTML 17Page - Linear Technology LT3513 Datasheet HTML 18Page - Linear Technology LT3513 Datasheet HTML 19Page - Linear Technology LT3513 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3513
16
3513fa
Inductor Selection
Table 1 lists several inductor vendors and types that are
suitable to use with the LT3513. Consult each manufacturer
for detailed information and for their entire selection of
related parts. Use ferrite core inductors to obtain the best
efficiency, as core losses at frequencies above 1MHz are
much lower for ferrite cores than for powdered-iron units.
A 10μH to 22μH inductor will be the best choice for most
LT3513 step-up and charge pump designs. Choose an
inductor that can carry the entire switch current without
saturating. For inverting and SEPIC regulators, a coupled
inductor, or two separate inductors is an option. When
using coupled inductors, choose one that can handle
at least the switch current without saturating. If using
uncoupled inductors, each inductor need only handle ap-
proximately one-half of the total switch current. A 4.7μH
to 15μH coupled inductor or two 10μH to 22μH uncoupled
inductors will usually be the best choice for most LT3513
inverting and SEPIC designs.
Output Capacitor Selection
Use low ESR (equivalent series resistance) capacitors at
the output to minimize the output ripple voltage. Multilayer
ceramic capacitors are an excellent choice, as they have
an extremely low ESR and are available in very small pack-
ages. X7R dielectrics are preferred, followed by X5R, as
these materials retain their capacitance over wide voltage
and temperature ranges. A 10μF to 22μF output capaci-
tor is sufficient for most LT3513 applications. Even less
capacitance is required for outputs with |VOUT| > 20V or
|IOUT| < 100mA. Solid tantalum or OS-CON capacitors will
also work, but they will occupy more board area and will
have a higher ESR than a ceramic capacitor. Always use
a capacitor with a sufficient voltage rating.
Diode Selection
A Schottky diode is recommended for use with the
LT3513 switcher 2 and switcher 4. The Schottky diode for
switcher 3 is integrated inside the LT3513. Choose diodes
for switcher 2 and switcher 4 rated to handle an average
current greater than the load current and rated to handle
the maximum diode voltage. The average diode current in
the step-up and SEPIC is equal to the load current. Each of
the two diodes in the charge pump configurations carries
an average diode current equal to the load current. The
ground connected diode in the charge pump is integrated
into the LT3513. The maximum diode voltage in the step-
up and charge pump configurations is equal to |VOUT|.
The maximum diode voltage in the SEPIC and inverting
configurations is VIN + |VOUT|.
Input Capacitor Selection
Bypass the input of the LT3513 circuit with a 4.7μF or higher
ceramic capacitor of X7R or X5R type. A lower value or
a less expensive Y5V type will work if there is additional
bypassing provided by bulk electrolytic capacitors or if the
input source impedance is low. The following paragraphs
describe the input capacitor considerations in more detail.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple
at the LT3513 input and to force this switching current
into a tight local loop, minimizing EMI. The input capaci-
tor must have low impedance at the switching frequency
to do this effectively and it must have an adequate ripple
current rating. The input capacitor RMS current can be
calculated from the step-down output voltage and current,
and the input voltage:
CI
VV
V
V
I
IN RMS
OUT
OUT
IN
OUT
IN
OUT
()
–
=
()
<
2
and is largest when VIN = 2VOUT (50% duty cycle). The
ripple current contribution from the other channels will
be minimal. Considering that the maximum load current
from switcher 1 is ~3A, RMS ripple current will always be
less than 1.5A. The high frequency of the LT3513 reduces
the energy storage requirements of the input capacitor, so
that the capacitance required is less than 10μF. The com-
bination of small size and low impedance (low equivalent
series resistance or ESR) of ceramic capacitors makes
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com