Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3513 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3513 Datasheet HTML 10Page - Linear Technology LT3513 Datasheet HTML 11Page - Linear Technology LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology LT3513 Datasheet HTML 14Page - Linear Technology LT3513 Datasheet HTML 15Page - Linear Technology LT3513 Datasheet HTML 16Page - Linear Technology LT3513 Datasheet HTML 17Page - Linear Technology LT3513 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3513
14
3513fa
OUTPUT CAPACITOR SELECTION
For 5V and 3.3V outputs, a 10μF 6.3V ceramic capacitor
(X5R or X7R) at the output results in very low output volt-
age ripple and good transient response. Other types and
values will also work; the following discussion explores
tradeoffs in output ripple and transient performance.
The output capacitor filters the inductor current to generate
an output with low voltage ripple. It also stores energy in
order satisfy transient loads and stabilizes the LT3513’s
control loop. Because the LT3513 operates at a high
frequency, minimal output capacitance is necessary. In
addition, the control loop operates well with or without
the presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
and small circuit size, are therefore an option.
You can estimate output ripple with the following
equations:
V
I
fC
RIPPLE
L
OUT
=
Δ
8 ••
for ceramic capacitors, and
VRIPPLE = ΔIL • ESR for electrolytic capacitors (tantalum
and aluminum)
where
ΔIListhepeak-to-peakripplecurrentintheinductor.
The RMS content of this ripple is very low so the RMS
current rating of the output capacitor is usually not of
concern. It can be estimated with the formula:
I
I
CRMS
L
() =
Δ
12
Another constraint on the output capacitor is that it must
have greater energy storage than the inductor; if the stored
energy in the inductor transfers to the output, the resulting
voltage step should be small compared to the regulation
voltage. For a 5% overshoot, this requirement indicates:
CL
I
V
OUT
LIM
OUT
>
⎛
⎝⎜
⎞
⎠⎟
10
2
••
The low ESR and small size of ceramic capacitors make
them the preferred type for LT3513 applications. However,
not all ceramic capacitors are the same. Many of the higher
value capacitors use poor dielectrics with high temperature
and voltage coefficients. In particular, Y5V and Z5U types
lose a large fraction of their capacitance with applied volt-
age and at temperature extremes.
Because loop stability and transient response depend on
the value of COUT, this loss may be unacceptable. Use X7R
and X5R types. Electrolytic capacitors are also an option.
The ESRs of most aluminum electrolytic capacitors are
too large to deliver low output ripple. Tantalum and newer,
lower ESR organic electrolytic capacitors intended for
power supply use are suitable, and the manufacturers will
specify the ESR. Chose a capacitor with a low enough ESR
for the required output ripple. Because the volume of the
capacitor determines its ESR, both the size and the value
will be larger than a ceramic capacitor that would give
similar ripple performance. One benefit is that the larger
capacitance may give better transient response for large
changes in load current. Table 2 lists several capacitor
vendors.
Table 2. Low ESR Surface Mount Capacitors
VENDOR
TYPE
SERIES
Taiyo Yuden
Ceramic
X5R, X7R
AVX
Ceramic
Tantalum
X5R, X7R
TPS
Kemet
Tantalum
Ta Organic
Al Organic
T491, T494, T495
T520
A700
Sanyo
Ta or Al Organic
POSCAP
Panasonic
Al Organic
SP CAP
TDK
Ceramic
X5R, X7R
DIODE SELECTION
The catch diode (D1 from Figure 1) conducts current only
during switch off time. Average forward current in normal
operation can be calculated from:
II
VV
V
D AVG
OUT
IN
OUT
IN
()
–
=
The only reason to consider a diode with a larger current
rating than necessary for nominal operation is for the
worst-case condition of shorted output. The diode current
will then increase to the typical peak switch current. Peak
reverse voltage is equal to the regulator input voltage.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com